Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050BEM3-5.0 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4050BEM3-5.0
Description  Precision Micropower Shunt Voltage Reference
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050BEM3-5.0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4050BEM3-5.0 Datasheet HTML 3Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 4Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 5Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 6Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 7Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 8Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 9Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 10Page - Texas Instruments LM4050BEM3-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LM4050-N, LM4050-N-Q1
www.ti.com
SNOS455G – MAY 2000 – REVISED SEPTEMBER 2015
6.7 Electrical Characteristics: 4.1-V Option
All other limits TA = TJ = 25°C. The grades A, B and C designate initial Reverse Breakdown Voltage tolerances of ±0.1%,
±0.2%, and 0.5% respectively.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Reverse Breakdown Voltage
IR = 100 μA
4.096
V
LM4050AIM3, LM4050AEM3
±4.1
IR = 100 μA
LM4050BIM3,LM4050BEM3
±8.2
LM4050CIM3, LM4050CEM3
±21
LM4050AIM3, LM4050AEM3
±18
VR
Industrial temperature range,
Reverse Breakdown Voltage
LM4050BIM3,LM4050BEM3
±22
mV
Tolerance(2)
TA = TJ = TMIN to TMAX
LM4050CIM3, LM4050CEM3
±34
LM4050AIM3, LM4050AEM3
±25
Extended temperature range,
LM4050BIM3,LM4050BEM3
±29
TA = TJ = TMIN to TMAX
LM4050CIM3, LM4050CEM3
±41
TA = TJ = 25°C
52
68
Industrial temperature range,
IRMIN
Minimum Operating Current
73
μA
TA = TJ = TMIN to TMAX
Extended temperature range, TA = TJ = TMIN to TMAX
78
IR = 10 mA
±30
IR = 1 mA
±20
Average reverse breakdown voltage
ΔVR/ΔT
ppm/°C
temperature coefficient(2)
IR = 100 μA, TA = TJ = 25°C
±20
IR = 100 μA, TA = TJ = TMIN to TMAX
±50
IRMIN ≤ IR ≤ 1 mA, TA = TJ = 25°C
0.2
0.9
IRMIN ≤ IR ≤ 1 mA, TA = TJ = TMIN to TMAX
1.2
Reverse breakdown voltage change
ΔVR/ΔIR
mV
with operating current change(3)
1 mA
≤ IR ≤ 15 mA, TA = TJ = 25°C
2
7
1 mA
≤ IR ≤ 15 mA, TA = TJ = TMIN to TMAX
10
ZR
Reverse dynamic impedance
IR = 1 mA, f = 120 Hz, IAC = 0.1 IR
0.5
Ω
eN
Wideband noise
IR = 100 μA, 10 Hz ≤ f ≤ 10 kHz
93
μVrms
Reverse breakdown voltage long
ΔVR
t = 1000 hrs, T = 25°C ±0.1°C, IR = 100 μA
120
ppm
term stability
VHYST
Thermal hysteresis(4)
ΔT = −40°C to 125°C
1.148
mV
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔV R/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.425% = ±0.1% ±50 ppm/°C ×
65°C
B-grade: ±0.525% = ±0.2% ±50 ppm/°C × 65°C
C-grade: ±0.825% = ±0.5% ±50 ppm/°C × 65°C. Therefore, as an
example, the A-grade LM4050-N-2.5 has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.425% = ±11 mV.
(3)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(4)
Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature –40°C and the 25°C
measurement after cycling to temperature 125°C.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4050-N LM4050-N-Q1


Similar Part No. - LM4050BEM3-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050BEM3-5.0 NSC-LM4050BEM3-5.0 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050BEM3-5.0 TI1-LM4050BEM3-5.0 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050BEM3-5.0 TI-LM4050BEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050BEM3-5.0 TI-LM4050BEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050BEM3-5.0 TI1-LM4050BEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050BEM3-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com