Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4804 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4804
Description  Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4804 Datasheet(HTML) 2 Page - Texas Instruments

  LM4804 Datasheet HTML 1Page - Texas Instruments LM4804 Datasheet HTML 2Page - Texas Instruments LM4804 Datasheet HTML 3Page - Texas Instruments LM4804 Datasheet HTML 4Page - Texas Instruments LM4804 Datasheet HTML 5Page - Texas Instruments LM4804 Datasheet HTML 6Page - Texas Instruments LM4804 Datasheet HTML 7Page - Texas Instruments LM4804 Datasheet HTML 8Page - Texas Instruments LM4804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
S/D1
GND2
25
26
GND1
3
7
5
SW
VDD
L1
4.7 PH
FB
28
Cf1
470 pF
R2
78.7k
R1
301k
S/D
S/D2
18
Cs1
4.7 PF
Co
100 PF
V1
12
Cs2
4.7 PF
GND3
22
Cb
1.0 PF
Bypass
19
VO2
14
VO1
11
8:
Bat
VDD
20k
-IN
8
0.1 PF
Ci
Audio In
Rf
200k
+IN
9
V1 = VFB (1 + R1/R2)
D1
Ri
BOOT
6
C3
4.7 pF
FREQ
27
R3
150k
10 PH
0.1 PF
LM4804
SNAS268C – MARCH 2005 – REVISED APRIL 2013
www.ti.com
Typical Application
Figure 2. Typical LM4804 Audio Amplifier Application Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4804


Similar Part No. - LM4804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4804 NSC-LM4804 Datasheet
820Kb / 16P
   Low Voltage High Power Audio Power Amplifier
LM4804LQ NSC-LM4804LQ Datasheet
820Kb / 16P
   Low Voltage High Power Audio Power Amplifier
More results

Similar Description - LM4804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4805_0508 NSC-LM4805_0508 Datasheet
1Mb / 19P
   Low Voltage High Power Audio Power Amplifier
LM4804 NSC-LM4804 Datasheet
820Kb / 16P
   Low Voltage High Power Audio Power Amplifier
logo
Texas Instruments
LM4808MX TI1-LM4808MX Datasheet
1Mb / 24P
[Old version datasheet]   Low Voltage High Power Audio Power Amplifier
logo
New Japan Radio
NJM2770 NJRC-NJM2770 Datasheet
44Kb / 4P
   HIGH-POWER & LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com