Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4873 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4873 Datasheet(HTML) 5 Page - Texas Instruments

  LM4873 Datasheet HTML 1Page - Texas Instruments LM4873 Datasheet HTML 2Page - Texas Instruments LM4873 Datasheet HTML 3Page - Texas Instruments LM4873 Datasheet HTML 4Page - Texas Instruments LM4873 Datasheet HTML 5Page - Texas Instruments LM4873 Datasheet HTML 6Page - Texas Instruments LM4873 Datasheet HTML 7Page - Texas Instruments LM4873 Datasheet HTML 8Page - Texas Instruments LM4873 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM4873
www.ti.com
SNAS033E – AUGUST 2000 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for VDD= 5V unless otherwise noted. Limits apply for TA= 25°C.
Symbol
Parameter
Conditions
LM4873
Units
(Limits)
Typical(3)
Limit (4)
2
V (min)
VDD
Supply Voltage
5.5
V (max)
VIN = 0V, IO = 0A
(5) , HP-IN = 0V
7.5
15
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A
(5) , HP-IN = 4V
5.8
6
mA (min)
ISD
Shutdown Current
VDD applied to the SHUTDOWN pin
0.7
2
μA (max)
VIH
Headphone High Input Voltage
4
V (min)
VIL
Headphone Low Input Voltage
0.8
V (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device operates within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. The typical value however, is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground (GND) pins, unless otherwise specified.
(3)
Typicals are specified at 25°C and represent the parametric norm.
(4)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(5)
The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
ELECTRICAL CHARACTERISTICS FOR BRIDGED-MODE OPERATION
(1) (2)
The following specifications apply for VDD= 5V unless otherwise specified. Limits apply for TA= 25°C.
Symbol
Parameter
Conditions
LM4873
Units
(Limits)
Typical(3)
Limit(4)
VOS
Output Offset Voltage
VIN = 0V
5
50
mV
(max)
LM4873MTE-1, RL = 3Ω
2.4
W
LM4873MTE, RL = 3Ω
2.2
W
LM4873LQ, RL = 3Ω
2.2
W
LM4873MTE-1, RL = 4Ω
2.1
W
THD+N = 1%, f = 1kHz (6)
LM4873MTE, RL = 4Ω
1.9
W
LM4873LQ, RL = 4Ω
1.9
W
LM4873MT, RL = 4Ω
1.9
W
PO
Output Power (5)
LM4873, RL = 8Ω
1.1
1.0
W (min)
LM4873MTE-1, RL = 3Ω
3.0
W
LM4873LQ, RL = 3Ω
3.0
W
THD+N = 10%, f = 1kHz (6)
LM4873MTE-1, RL = 4Ω
2.6
W
LM4873LQ, RL = 4Ω
2.6
W
LM4873, RL = 8Ω
1.5
W
THD+N = 1%, f = 1kHz, RL = 32Ω
0.34
W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device operates within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. The typical value however, is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground (GND) pins, unless otherwise specified.
(3)
Typicals are specified at 25°C and represent the parametric norm.
(4)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(5)
Output power is measured at the device terminals.
(6)
When driving 3
Ω or 4Ω loads and operating on a 5V supply, the LM4873LQ must be mounted to a circuit board that has a minimum of
2.5in2 of exposed, uninterrupted copper area connected to the WQFN package's exposed DAP.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4873


Similar Part No. - LM4873

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873 NSC-LM4873 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873MT NSC-LM4873MT Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873MTE NSC-LM4873MTE Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873MTE-1 NSC-LM4873MTE-1 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results

Similar Description - LM4873

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com