Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48410 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM48410
Description  Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48410 Datasheet(HTML) 2 Page - Texas Instruments

  LM48410 Datasheet HTML 1Page - Texas Instruments LM48410 Datasheet HTML 2Page - Texas Instruments LM48410 Datasheet HTML 3Page - Texas Instruments LM48410 Datasheet HTML 4Page - Texas Instruments LM48410 Datasheet HTML 5Page - Texas Instruments LM48410 Datasheet HTML 6Page - Texas Instruments LM48410 Datasheet HTML 7Page - Texas Instruments LM48410 Datasheet HTML 8Page - Texas Instruments LM48410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
GAIN
3D
MODULATOR
H-
BRIDGE
GAIN
MODULATOR
H-
BRIDGE
OSCILLATOR
VDD PVDD PVDD
INR+
INR-
SDR
G0
G1
SDL
INL+
INL-
3DEN
3DL-
3DR-
3DL+
GND
PGND
OUTLA
OUTLB
OUTRA
OUTRB
+2.5V to +5.5V
CS
CS
C3D+
C3D-
CIN
CIN
CIN
CIN
R3D+
R3D-
SS/FF
3DR+
LM48410
SNAS403E – FEBRUARY 2007 – REVISED MAY 2013
www.ti.com
EMI Plot
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48410


Similar Part No. - LM48410

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
LM48410SQ NSC-LM48410SQ Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
More results

Similar Description - LM48410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
   2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com