Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48520 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM48520
Description  Boosted Stereo Class D Audio Power Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48520 Datasheet HTML 2Page - Texas Instruments LM48520 Datasheet HTML 3Page - Texas Instruments LM48520 Datasheet HTML 4Page - Texas Instruments LM48520 Datasheet HTML 5Page - Texas Instruments LM48520 Datasheet HTML 6Page - Texas Instruments LM48520 Datasheet HTML 7Page - Texas Instruments LM48520 Datasheet HTML 8Page - Texas Instruments LM48520 Datasheet HTML 9Page - Texas Instruments LM48520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
0.001
100
0.01
0.1
1
10
10m
2
100m
1
OUTPUT POWER (W)
0.001
100
0.01
0.1
1
10
10m
2
100m
1
OUTPUT POWER (W)
0.001
100
0.01
0.1
1
10
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
100
0.01
0.1
1
10
10m
2
100m
1
OUTPUT POWER (W)
0.001
100
0.01
0.1
1
10
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
100
0.01
0.1
1
10
20
20k
100
1k
10k
FREQUENCY (Hz)
LM48520, LM48520TLBD
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 2.7V, POUT = 800mW, RL = 8Ω
VDD = 3.3V, POUT = 900mW, RL = 8Ω
Figure 3.
Figure 4.
THD+N vs Frequency
THD+N vs Output Power
VDD = 5.0V, POUT = 1W, RL = 8Ω
VDD = 2.7V, RL = 8Ω
Figure 5.
Figure 6.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V, RL = 8Ω
VDD = 5.0V, RL = 8Ω
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD


Similar Part No. - LM48520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
805Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520TLBD TI1-LM48520TLBD Datasheet
805Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
More results

Similar Description - LM48520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
   Boosted Class D Audio Power Amplifier
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
[Old version datasheet]   Boosted Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
   2.7W Boosted Class-D Audio Power Amplifier
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
   Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
Texas Instruments
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com