Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1GU04DCKRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AHC1GU04DCKRE4
Description  Single 2-Input Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AHC1GU04DCKRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74AHC1GU04DCKRE4 Datasheet HTML 1Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 2Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 3Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 4Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 5Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 6Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 7Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 8Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AHC1GU04
SCLS343R – APRIL 1996 – REVISED DECEMBER 2014
SN74AHC1GU04 Single 2-Input Inverter Gate
1 Features
2 Applications
1
Operating Range of 2-V to 5.5-V VCC
Wireless and Telecom Infrastructure
Unbuffered Output
Audio Mixers
±8-mA Output Drive at 5 V
TVs
Latch-Up Performance Exceeds 250 mA Per
Set-top-boxes
JESD 17
Audio
ESD Protection Exceeds JESD 22
Servers
2000-V Human-Body Model
Cameras: Surveillance
200-V Machine Model
Software Defined Radio (SDR)
1000-V Charged-Device Model
3 Description
The
SN74AHC1GU04
device
contains
a
single
inverter gate. The device performs the Boolean
function Y = A.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm x 1.60 mm
SN74AHC1GU04
SC-70 (5)
2.00 mm x 1.30 mm
SOT-553 (5)
1.65 mm x 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - 74AHC1GU04DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AHC1GU04DCKRE4 TI-74AHC1GU04DCKRE4 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - 74AHC1GU04DCKRE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
STMicroelectronics
HCC4085B STMICROELECTRONICS-HCC4085B Datasheet
298Kb / 13P
   DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com