Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040DIM3-4.1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040DIM3-4.1
Description  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040DIM3-4.1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4040DIM3-4.1 Datasheet HTML 5Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 6Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 7Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 8Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 9Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 10Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 11Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 12Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'I' (continued)
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature –40°C and the 25°C
measurement after cycling to temperature 125°C.
ΔVR/ΔIR
Reverse Breakdown
Voltage Change
with Operating
Current Change(4)
IRMIN ≤ IR ≤ 1 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
0.3
0.8
mV
TA = TJ = TMIN to TMAX
1
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
1 mA
≤ IR ≤ 15 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
2.5
6
TA = TJ = TMIN to TMAX
8
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
ZR
Reverse Dynamic
Impedance
IR = 1 mA, f = 120 Hz
IAC = 0.1 IR
LM4040CIM3
LM4040CIZ
LM4040CIM7
0.3
0.9
Ω
LM4040DIM3
LM4040DIZ
LM4040DIM7
0.3
1.1
LM4040EIZ
LM4040EIM7
0.3
1.1
eN
Wideband Noise
IR = 100 μA
10 Hz
≤ f ≤ 10 kHz
35
μVrms
ΔVR
Reverse Breakdown
Voltage Long Term
Stability
t = 1000 hrs
T = 25°C ±0.1°C
IR = 100 μA
120
ppm
VHYST
Thermal
Hysteresis(5)
ΔT = −40°C to 125°C
0.08%


Similar Part No. - LM4040DIM3-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040DIM3-4.1 NSC-LM4040DIM3-4.1 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040DIM3-4.1 MICREL-LM4040DIM3-4.1 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040DIM3-4.1 NSC-LM4040DIM3-4.1 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040DIM3-4.1 MICREL-LM4040DIM3-4.1 Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040DIM3-4.1 TI1-LM4040DIM3-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040DIM3-4.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com