Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

753245GPTR7 Datasheet(PDF) 4 Page - CTS Corporation

Part # 753245GPTR7
Description  High Density Packaging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753245GPTR7 Datasheet(HTML) 4 Page - CTS Corporation

  753245GPTR7 Datasheet HTML 1Page - CTS Corporation 753245GPTR7 Datasheet HTML 2Page - CTS Corporation 753245GPTR7 Datasheet HTML 3Page - CTS Corporation 753245GPTR7 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0352-0
Page 4 - 4
Rev. B
Series 753
Surface Mount Resistor Network
MECHANICAL SPECIFICATION
PACKAGE DRAWING
mm
inch
08/16
6.22 ±0.12
0.245 ±0.005
09/18
6.86 ±0.12
0.270 ±0.005
10/20
7.49 ±0.12
0.295 ±0.005
12/24
8.76 ±0.12
0.345 ±0.005
No. of Pads
SRT/DRT
"A" Dimension
Notes:
1. Pad termination (e3). Barrier plating is nickel (Ni) over silver (Ag) thick film pad with Matte tin (Sn) finish.
2. Reflow conditions per JEDEC-J-STD-020, +260°C maximum.
3. MSL = 1.
RECOMMENDED LAND PATTERN
DP
L
W
J
S
mm
1.27
0.64
3.05
0.43
0.89
0.51
in.
0.05
0.025
0.12
0.017
0.035
0.02
753
Recommended Land Pattern
Dimension
KSw
A
Q
mm
2.75
0.30
0.15
in.
0.108
0.012
0.006
mm
1.72
0.30
0.15
in.
0.068
0.012
0.006
Dimension
4 mil
SRT Solder Paste Stencil Opening
NA
6 mil
NA
KSw
AQ
mm
0.51
0.30
1.32
0.15
in.
0.02
0.012
0.052
0.006
mm
0.28
0.30
1.47
0.15
in.
0.011
0.012
0.058
0.006
6 mil
DRT Solder Paste Stencil Opening
Dimension
4 mil
Dimension
mm
inch
B
2.41 ±0.12
0.095 ±0.005
C
2.03 ±0.12
0.080 ±0.005
D
0.64 ±0.12
0.025 ±0.005
E
0.71 ±0.12
0.028 ±0.005
F
0.33 ±0.13
0.013 ±0.003
G
0.08 ±0.14
0.003 ±0.002
H
0.89 Ref.
0.035 Ref.


Similar Part No. - 753245GPTR7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
   A New PSPICE Electro-Thermal Subcircuit
75321D FAIRCHILD-75321D Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
VBsemi Electronics Co.,...
75321D VBSEMI-75321D Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
75321P FAIRCHILD-75321P Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET er MOSFETs
logo
Unisonic Technologies
75323 UTC-75323 Datasheet
172Kb / 10P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - 753245GPTR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com