Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC2GU04HDCT3 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHC2GU04HDCT3
Description  TRIPLE INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2GU04HDCT3 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC2GU04HDCT3 Datasheet HTML 1Page - Texas Instruments SN74AHC2GU04HDCT3 Datasheet HTML 2Page - Texas Instruments SN74AHC2GU04HDCT3 Datasheet HTML 3Page - Texas Instruments SN74AHC2GU04HDCT3 Datasheet HTML 4Page - Texas Instruments SN74AHC2GU04HDCT3 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN74AHC2GU04
TRIPLE INVERTER
SCLS434A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Process
D Operating Range 2-V to 5.5-V VCC
D Unbuffered Outputs
D Packaged in Plastic Small-Outline
Transistor Package
description
The SN74AHC2GU04 contains three independent inverter gates. The device performs the Boolean function
Y
= A. Internal circuitry consists of single-stage inverters that can be used in analog applications, such as crystal
oscillators.
The SN74AHC2GU04 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1
1A
1Y
7
1
3
2A
2Y
5
6
3A
3Y
2
logic diagram (positive logic)
1A
1Y
17
2A
2Y
35
3A
3Y
62
Copyright
© 1999, Texas Instruments Incorporated
EPIC is a trademark of Texas Instruments Incorporated.
DCT PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1A
3Y
2A
GND
VCC
1Y
3A
2Y
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC2GU04HDCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCT3 TI1-SN74AHC2G00HDCT3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCU3 TI1-SN74AHC2G00HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AHC2G02HDCU3 TI1-SN74AHC2G02HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AHC2GU04HDCT3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com