Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNx4AHCT245 Datasheet(PDF) 1 Page - Texas Instruments

Part # SNx4AHCT245
Description  SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNx4AHCT245 Datasheet(HTML) 1 Page - Texas Instruments

  SNx4AHCT245 Datasheet HTML 1Page - Texas Instruments SNx4AHCT245 Datasheet HTML 2Page - Texas Instruments SNx4AHCT245 Datasheet HTML 3Page - Texas Instruments SNx4AHCT245 Datasheet HTML 4Page - Texas Instruments SNx4AHCT245 Datasheet HTML 5Page - Texas Instruments SNx4AHCT245 Datasheet HTML 6Page - Texas Instruments SNx4AHCT245 Datasheet HTML 7Page - Texas Instruments SNx4AHCT245 Datasheet HTML 8Page - Texas Instruments SNx4AHCT245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DIR
OE
A1
B1
To Seven Other Channels
1
2
19
18
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHCT245, SN74AHCT245
SCLS233P – OCTOBER 1995 – REVISED JULY 2014
SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
1 Features
3 Description
The
SNx4AHCT245
octal
bus
transceivers
are
1
Inputs Are TTL-Voltage Compatible
designed for asynchronous two-way communication
Latch-Up Performance Exceeds 250 mA Per
between data buses. These parts operate from 4.5 V
JESD 17
to 5.5 V.
ESD Protection Exceeds JESD 22
Device Information(1)
2000-V Human-Body Model (A114-A)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
200-V Machine Model (A115-A)
PDIP (20)
25.40 x 6.35 mm
1000-V Charged-Device Model (C101)
SOP (20)
12.60 x 5.30 mm
On Products Compliant to MIL-PRF-38535,
SNx4AHCT245
SSOP (20)
7.50 x 5.30 mm
All Parameters Are Tested Unless Otherwise
TVSOP (20)
5.00 x 4.40 mm
Noted. On All Other Products, Production
SOIC (20)
12.80 x 7.50 mm
Processing Does Not Necessarily Include Testing
of All Parameters.
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Servers
PCs and Notebooks
Network Switches
Wearable Health and Fitness Devices
Telecom Infrastructures
Electronic Points of Sale
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SNx4AHCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SNX4AHCT245 TI-SNX4AHCT245 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

Similar Description - SNx4AHCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT245 TI-SN54AHCT245_V02 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHCT245 TI-SN54AHCT245_V01 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN54AHCT245 TI-SN54AHCT245_V03 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com