Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHCT595 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54AHCT595
Description  SNx4AHCT595 8-Bit Shift Registers With 3-State Output Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AHCT595 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54AHCT595 Datasheet HTML 4Page - Texas Instruments SN54AHCT595 Datasheet HTML 5Page - Texas Instruments SN54AHCT595 Datasheet HTML 6Page - Texas Instruments SN54AHCT595 Datasheet HTML 7Page - Texas Instruments SN54AHCT595 Datasheet HTML 8Page - Texas Instruments SN54AHCT595 Datasheet HTML 9Page - Texas Instruments SN54AHCT595 Datasheet HTML 10Page - Texas Instruments SN54AHCT595 Datasheet HTML 11Page - Texas Instruments SN54AHCT595 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN54AHCT595, SN74AHCT595
SCLS374N – MAY 1997 – REVISED JULY 2014
www.ti.com
8 Parameter Measurement Information
Figure 3. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT595 SN74AHCT595


Similar Part No. - SN54AHCT595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN54AHCT595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com