Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54AHCT245FK Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54AHCT245FK
Description  SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54AHCT245FK Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54AHCT245FK Datasheet HTML 2Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 3Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 4Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 5Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 6Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 7Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 8Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 9Page - Texas Instruments SNJ54AHCT245FK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Temperature (GC)
-100
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
SN54AHCT245, SN74AHCT245
SCLS233P – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
7.6
Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
Recommended
SN54AHCT245
SN74AHCT245
TA = 25°C
SN74AHCT245
FROM
TO
LOAD
–55°C TO 125°C
–40°C TO 85°C
PARAMETER
UNIT
–40°C TO 125°C
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
4.5(1)
7.7(1)
1(1)
10(1)
1
8.5
1
10
A or B
B or A
CL = 15 pF
ns
tPHL
4.5(1)
7.7(1)
1(1)
10(1)
1
8.5
1
10
tPZH
8.9(1)
13.8(1)
1(1)
16(1)
1
15
1
16
OE
A or B
CL = 15 pF
ns
tPZL
8.9(1)
13.8(1)
1(1)
16(1)
1
15
1
16
tPHZ
9.2(1)
14.4(1)
1(1)
16.5(1)
1
15.5
1
16.5
OE
A or B
CL = 15 pF
ns
tPLZ
9.2(1)
14.4(1)
1(1)
16.5(1)
1
15.5
1
16.5
tPLH
5.3
8.7
1
11
1
9.5
1
11
A or B
B or A
CL = 50 pF
ns
tPHL
5.3
8.7
1
11
1
9.5
1
11
tPZH
9.7
14.8
1
17
1
16
1
17
OE
A or B
CL = 50 pF
ns
tPZL
9.7
14.8
1
17
1
16
1
17
tPHZ
10
15.4
1
17.5
1
16.5
1
17.5
OE
A or B
CL = 50 pF
ns
tPLZ
10
15.4
1
17.5
1
16.5
1
17.5
tsk(o)
CL = 50 pF
1(2)
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.7 Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
SN74AHCT245
PARAMETER
UNIT
MIN
TYP
MAX
VOH(V)
Quiet output, minimum dynamic VOH
4
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
(1)
Characteristics are for surface-mount packages only.
7.8
Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
13
pF
7.9 Typical Characteristics
Figure 1. SN74AHCT245 TPD vs Temperature, 15 pF Load
6
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT245 SN74AHCT245


Similar Part No. - SNJ54AHCT245FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AHCT245FK TI-SNJ54AHCT245FK Datasheet
739Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245FK TI-SNJ54AHCT245FK Datasheet
789Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245FK TI-SNJ54AHCT245FK Datasheet
541Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245FK TI-SNJ54AHCT245FK Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245FK TI-SNJ54AHCT245FK Datasheet
799Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54AHCT245FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT245 TI-SN54AHCT245_V02 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHCT245 TI-SN54AHCT245_V01 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN54AHCT245 TI-SN54AHCT245_V03 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com