Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS746 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALS746
Description  OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS746 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALS746 Datasheet HTML 2Page - Texas Instruments SN74ALS746 Datasheet HTML 3Page - Texas Instruments SN74ALS746 Datasheet HTML 4Page - Texas Instruments SN74ALS746 Datasheet HTML 5Page - Texas Instruments SN74ALS746 Datasheet HTML 6Page - Texas Instruments SN74ALS746 Datasheet HTML 7Page - Texas Instruments SN74ALS746 Datasheet HTML 8Page - Texas Instruments SN74ALS746 Datasheet HTML 9Page - Texas Instruments SN74ALS746 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


Similar Part No. - SN74ALS746

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS746 TI-SN74ALS746 Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
SN74ALS746DW TI-SN74ALS746DW Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
More results

Similar Description - SN74ALS746

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS747 TI-SN74ALS747 Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com