Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT3622-15PQG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74ACT3622-15PQG4
Description  256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT3622-15PQG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT3622-15PQG4 Datasheet HTML 5Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 6Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 7Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 8Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 9Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 10Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 11Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 12Page - Texas Instruments SN74ACT3622-15PQG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SN74ACT3622
256
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS247D – AUGUST 1993 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
synchronized FIFO flags (continued)
Table 4. FIFO1 Flag Operation
NUMBER OF WORDS IN
FIFO1†‡
SYNCHRONIZED
TO CLKB
SYNCHRONIZED
TO CLKA
FIFO1†‡
ORB
AEB
AFA
IRA
0
L
L
H
H
1 to X1
H
LH
H
(X1 + 1) to [256 – (Y1 + 1)]
H
HH
H
(256 – Y1) to 255
H
HL
H
256
H
H
L
L
† X1 is the almost-empty offset for FIFO1 used by AEB. Y1 is the almost-full
offset for FIFO1 used by AFA. Both X1 and Y1 are selected during a reset
of FIFO1 or programmed from port A.
‡ When a word loaded to an empty FIFO is shifted to the output register, its
previous FIFO memory location is free.
Table 5. FIFO2 Flag Operation
NUMBER OF WORDS IN
FIFO2†‡
SYNCHRONIZED
TO CLKA
SYNCHRONIZED
TO CLKB
FIFO2†‡
ORA
AEA
AFB
IRB
0
L
L
H
H
1 to X2
H
LH
H
(X2 + 1) to [256 – (Y2 + 1)]
H
HH
H
(256 – Y2) to 255
H
HL
H
256
H
H
L
L
† X2 is the almost-empty offset for FIFO2 used by AEA. Y2 is the almost-full
offset for FIFO2 used by AFB. Both X2 and Y2 are selected during a reset
of FIFO2 or programmed from port A.
‡ When a word loaded to an empty FIFO is shifted to the output register, its
previous FIFO memory location is free.
output-ready flags (ORA, ORB)
The OR flag of a FIFO is synchronized to the port clock that reads data from its array. When the OR flag is high,
new data is present in the FIFO output register. When the OR flag is low, the previous data word is present in
the FIFO output register and attempted FIFO reads are ignored.
A FIFO read pointer is incremented each time a new word is clocked to its output register. From the time a word
is written to a FIFO, it can be shifted to the FIFO output register in a minimum of three cycles of the OR flag
synchronizing clock; therefore, an OR flag is low if a word in memory is the next data to be sent to the FIFO output
register and three cycles of the port clock that reads data from the FIFO have not elapsed since the time the
word was written. The OR flag of the FIFO remains low until the third low-to-high transition of the synchronizing
clock occurs, simultaneously forcing the OR flag high and shifting the word to the FIFO output register.
A low-to-high transition on an OR flag synchronizing clock begins the first synchronization cycle of a write if the
clock transition occurs at time tsk1, or greater, after the write. Otherwise, the subsequent clock cycle can be the
first synchronization cycle (see Figures 7 and 8).


Similar Part No. - SN74ACT3622-15PQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622PCB TI-SN74ACT3622PCB Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622PQ TI-SN74ACT3622PQ Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT3622-15PQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com