Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS2232AFN Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALS2232AFN
Description  ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS2232AFN Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS2232AFN Datasheet HTML 1Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 2Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 3Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 4Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 5Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 6Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 7Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 8Page - Texas Instruments SN74ALS2232AFN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74ALS2232A
64
× 8 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS248 – FEBRUARY 1988 – REVISED MARCH 1990
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High level output current
Q outputs
– 2.6
mA
IOH
High-level output current
FULL, EMPTY
– 0.4
mA
IOL
Low level output current
Q outputs
24
mA
IOL
Low-level output current
FULL, EMPTY
8
mA
fclock
Clock frequency
LDCK, UNCK
0
40
MHz
RST low
25
LDCK low
13
tw
Pulse duration
LDCK high
12
ns
UNCK low
13
UNCK high
12
tsu1
Setup time, data before LDCK
5
ns
tsu2
Setup time, RST high (inactive) before LDCK
5
ns
th
Hold time, data after LDCK
5
ns
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
Q outputs
VCC = 4.5 V,
IOH = – 2.6 mA
2.4
3.2
V
VOH
FULL, EMPTY
VCC = MIN to MAX,
IOH = 0.4 mA
VCC –2
V
Q outputs
VCC =4 5V
IOL = 12 mA
0.25
0.4
VOL
Q outputs
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
FULL EMPTY
VCC =4 5V
IOL = 4 mA
0.25
0.4
V
FULL, EMPTY
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
CLKs
VCC =5 5V
VI =0 4V
– 0.2
mA
IIL
Others
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
IO§
Q outputs
VCC =5 5V
VO = 2 25 V
–20
– 130
mA
IO§
FULL, EMPTY
VCC = 5.5 V,
VO = 2.25 V
–20
–112
mA
ICC
VCC = 5.5 V
175
270
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS2232AFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238FN TI1-SN74ALS2238FN Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238FNR TI1-SN74ALS2238FNR Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238N TI1-SN74ALS2238N Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALS2232AFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com