Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1532 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1532
Description  GreenChip SMPS control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1532 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1532 Datasheet HTML 7Page - NXP Semiconductors TEA1532 Datasheet HTML 8Page - NXP Semiconductors TEA1532 Datasheet HTML 9Page - NXP Semiconductors TEA1532 Datasheet HTML 10Page - NXP Semiconductors TEA1532 Datasheet HTML 11Page - NXP Semiconductors TEA1532 Datasheet HTML 12Page - NXP Semiconductors TEA1532 Datasheet HTML 13Page - NXP Semiconductors TEA1532 Datasheet HTML 14Page - NXP Semiconductors TEA1532 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
9397 750 13113
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 28 May 2004
11 of 27
Philips Semiconductors
TEA1532
GreenChip
™II SMPS control IC
When pin DEM is grounded (CCM), the brown-out protection is disabled. In this case the
duty cycle is limited to 0.7, so at low mains voltage the on-time is limited and therefore the
dissipation in the FET is limited.
7.15 OverTemperature Protection (OTP)
The IC provides accurate temperature protection. The IC will stop switching when the
junction temperature exceeds the thermal shutdown temperature. When VCC drops to
VUVLO, capacitor CVCC will be recharged to the Vstart level, however switching will not
restart. Subsequently, VCC will drop again to VUVLO, etc..
Operation only recommences when VCC drops below a level of about 4.5 V (typically,
when Vmains is disconnected for a short period).
7.16 Soft start-up (pin SENSE)
To prevent transformer rattle at start-up or during hiccup, the transformer peak current is
slowly increased by the soft start function. This can be achieved by inserting a resistor
and a capacitor between pin SENSE (pin 6) and sense resistor Rsense. An internal current
source charges the capacitor to Vsense =Iss × Rss (about 0.5 V maximum).
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of Rss and Css.
The charging current ISS will flow as long as the voltage on pin SENSE is
below approximately 0.5 V. If the voltage on pin SENSE exceeds 0.5 V, the soft start
current source will start limiting current Iss. At Vstart, the Iss current source is completely
switched off; see Figure 9.
Since the soft start current Iss is supplied from pin DRAIN, the Rss value will not affect VCC
current during start-up.
Fig 9.
Soft start-up.
I
primary(max)
V
ocp
I
ss
R
ss
×
()
R
sense
------------------------------------------
=
τ
R
ss
C
ss
×
=
Css
Rss
SENSE
Rsense
Iss
Vocp
start-up
mgu237
6
0.5 V


Similar Part No. - TEA1532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1532BT NXP-TEA1532BT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
TEA1532CT NXP-TEA1532CT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
More results

Similar Description - TEA1532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com