Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC16373DL Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALVC16373DL
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16373DL Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVC16373DL Datasheet HTML 1Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 2Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 3Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 4Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 5Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 6Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 7Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 8Page - Texas Instruments SN74ALVC16373DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74ALVC16373
16BIT TRANSPARENT DTYPE LATCH
WITH 3STATE OUTPUTS
SCAS257B − JANUARY 1993 − REVISED JULY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
TA = − 40°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
UNIT
IOH = − 100 µA
MIN to MAX
VCC −0.2
IOH = − 6 mA
VIH = 1.7 V
2.3 V
2
VOH
VIH = 1.7 V
2.3 V
1.7
V
VOH
IOH = − 12 mA
VIH = 2 V
2.7 V
2.2
V
IOH = − 12 mA
VIH = 2 V
3 V
2.4
IOH = − 24 mA
VIH = 2 V
3 V
2
IOL = 100 µA
MIN to MAX
0.2
IOL = 6 mA
VIL = 0.7 mA
2.3 V
0.4
VOL
IOL = 12 mA
VIL = 0.7 mA
2.3 V
0.7
V
VOL
IOL = 12 mA
VIL = 0.8 mA
2.7 V
0.4
V
IOL = 24 mA
VIL = 0.8 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
2.3 V
45
VI = 1.7 V
3 V
−45
II(hold)
VI = 0.8 V
3 V
75
µA
II(hold)
VI = 2 V
3 V
−75
µA
VI = 0 to 3.6 V
3.6 V
±500
IOZ‡
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
nICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3
pF
Ci
Inputs
VI = VCC or GND
3.3 V
6
pF
Co
VO = VCC or GND
3.3 V
7
pF
† For conditions shown as MIN or MAX use the appropriate values under recommended operating conditions.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 and 2)
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high or low
3.3
3.3
3.3
ns
tsu
Setup time, data before LE
1
1
1.1
ns
th
Hold time, data after LE
1.5
1.7
1.4
ns


Similar Part No. - SN74ALVC16373DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16373 TI-SN74ALVC16373 Datasheet
129Kb / 8P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC16373DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com