Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH373DWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH373DWR
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH373DWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVCH373DWR Datasheet HTML 3Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 4Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 5Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 6Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 7Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 8Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 9Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 10Page - Texas Instruments SN74ALVCH373DWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74ALVCH373DGVR
ACTIVE
TVSOP
DGV
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
VB373
SN74ALVCH373DW
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVCH373
SN74ALVCH373DWR
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
ALVCH373
SN74ALVCH373PWR
ACTIVE
TSSOP
PW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
VB373
SN74ALVCH373PWRE4
ACTIVE
TSSOP
PW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
VB373
SN74ALVCH373PWRG4
ACTIVE
TSSOP
PW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
VB373
SN74ALVCH373ZQNR
ACTIVE
BGA
MICROSTAR
JUNIOR
ZQN
20
1000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
VB373
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - SN74ALVCH373DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH373DWR TI-SN74ALVCH373DWR Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH373DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com