Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54ALS38BFK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS38BFK
Description  QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54ALS38BFK Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54ALS38BFK Datasheet HTML 1Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 2Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 3Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 4Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 5Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 6Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 7Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 8Page - Texas Instruments SNJ54ALS38BFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54ALS38B, SN74ALS38B
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS196B – APRIL 1982 – REVISED DECEMBER 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/ 74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SNJ54ALS38BFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS30AFK TI-SNJ54ALS30AFK Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SNJ54ALS30AFK TI-SNJ54ALS30AFK Datasheet
695Kb / 18P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SNJ54ALS30AFK TI1-SNJ54ALS30AFK Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SNJ54ALS30AFK TI1-SNJ54ALS30AFK Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SNJ54ALS30AJ TI-SNJ54ALS30AJ Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SNJ54ALS38BFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS03B TI-SN54ALS03B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS38B TI-SN54ALS38B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5438 TI-SN5438 Datasheet
623Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS03B TI1-SN54ALS03B_14 Datasheet
695Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1003A TI-SN54ALS1003A Datasheet
42Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS38 RENESAS-HD74LS38 Datasheet
76Kb / 6P
   Quadruple 2-input Positive NAND Buffers (with Open Collector Outputs)
logo
Hitachi Semiconductor
HD74LS38 HITACHI-HD74LS38 Datasheet
44Kb / 5P
   Quadruple 2-input Positive NAND Buffers(with Open Collector Outputs)
logo
Texas Instruments
SN5438 TI1-SN5438_V01 Datasheet
1Mb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
REVISED MARCH 1988
SN54F38 TI-SN54F38 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5439 TI-SN5439 Datasheet
86Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1003A TI1-SN54ALS1003A_08 Datasheet
59Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com