Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC164245DGGT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC164245DGGT
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC164245DGGT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ALVC164245DGGT Datasheet HTML 7Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 8Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 9Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 10Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 11Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 12Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 13Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 14Page - Texas Instruments SN74ALVC164245DGGT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOHA
VOLA
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
VCCA = 6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOHA
VOLA
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
0 V
Input
3 V
≈3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VCCA = 6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
V
CCB = 5 V ± 0.5 V to VCCA = 2.7 V and 3.3 V ± 0.3 V
Figure 4. Load Circuit and Voltage Waveforms
11


Similar Part No. - SN74ALVC164245DGGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC164245DGGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com