Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH374N Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALVCH374N
Description  OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH374N Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVCH374N Datasheet HTML 1Page - Texas Instruments SN74ALVCH374N Datasheet HTML 2Page - Texas Instruments SN74ALVCH374N Datasheet HTML 3Page - Texas Instruments SN74ALVCH374N Datasheet HTML 4Page - Texas Instruments SN74ALVCH374N Datasheet HTML 5Page - Texas Instruments SN74ALVCH374N Datasheet HTML 6Page - Texas Instruments SN74ALVCH374N Datasheet HTML 7Page - Texas Instruments SN74ALVCH374N Datasheet HTML 8Page - Texas Instruments SN74ALVCH374N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVCH374
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES118G – JULY 1997 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -4 mA
1.65 V
1.2
IOH = -6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = -12 mA
2.7 V
2.2
3 V
2.4
IOH = -24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
IOL = 6 mA
2.3 V
0.4
VOL
V
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
-25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
-45
µA
VI = 0.8 V
3 V
75
VI = 2 V
3 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Control inputs
5
Ci
VI = VCC or GND
3.3 V
pF
Data inputs
6
Co
Outputs
VO = VCC or GND
3.3 V
7.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
100
100
150
MHz
tw
Pulse duration, CLK high or low
3.8
3.3
3.3
3.3
ns
tsu
Setup time, data before CLK
3
1.8
2.1
1.8
ns
th
Hold time, data after CLK
1
0.5
0.5
0.5
ns
4


Similar Part No. - SN74ALVCH374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH374DGV TI-SN74ALVCH374DGV Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH374DW TI-SN74ALVCH374DW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH374PW TI-SN74ALVCH374PW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com