Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH374N Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVCH374N
Description  OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH374N Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH374N Datasheet HTML 1Page - Texas Instruments SN74ALVCH374N Datasheet HTML 2Page - Texas Instruments SN74ALVCH374N Datasheet HTML 3Page - Texas Instruments SN74ALVCH374N Datasheet HTML 4Page - Texas Instruments SN74ALVCH374N Datasheet HTML 5Page - Texas Instruments SN74ALVCH374N Datasheet HTML 6Page - Texas Instruments SN74ALVCH374N Datasheet HTML 7Page - Texas Instruments SN74ALVCH374N Datasheet HTML 8Page - Texas Instruments SN74ALVCH374N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DB, DGV, DW, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
DESCRIPTION/ORDERING INFORMATION
SN74ALVCH374
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES118G – JULY 1997 – REVISED OCTOBER 2004
Operates From 1.65 V to 3.6 V
Max tpd of 3.6 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This octal edge-triggered D-type flip-flop is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVCH374 is particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers,
and working registers. On the positive transition of the clock (CLK) input, the Q outputs are set to the logic levels
at the data (D) inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or
low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without interface or pullup components.
OE does not affect internal operations of the latch. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP - N
Tube
SN74ALVCH374N
SN74ALVCH374N
Tube
SN74ALVCH374DW
SOIC - DW
ALVCH374
Tape and reel
SN74ALVCH374DWR
-40
°C to 85°C
SSOP - DB
Tape and reel
SN74ALVCH374DBR
VB374
Tube
SN74ALVCH374PW
TSSOP - PW
VB374
Tape and reel
SN74ALVCH374PWR
TVSOP - DGV
Tape and reel
SN74ALVCH374DGVR
VB374
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVCH374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH374DGV TI-SN74ALVCH374DGV Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH374DW TI-SN74ALVCH374DW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH374PW TI-SN74ALVCH374PW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com