Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC164245KR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALVC164245KR
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC164245KR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALVC164245KR Datasheet HTML 2Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 3Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 4Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 5Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 6Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 7Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 8Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 9Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
VCCB = 3.3 V
VCCB = 5 V ± 0.5 V
± 0.3 V
FROM
TO
PARAMETER
VCCA = 2.5 V
VCCA = 3.3 V
UNIT
(INPUT)
(OUTPUT)
VCCA = 2.7 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
A
B
7.6
5.9
1
5.8
tpd
ns
B
A
7.6
6.7
1.2
5.8
ten
OE
B
11.5
9.3
1
8.9
ns
tdis
OE
B
10.5
9.2
2.1
9.5
ns
ten
OE
A
12.3
10.2
2
9.1
ns
tdis
OE
A
9.3
9
2.9
8.6
ns
T
A = 25°C
VCCB = 3.3 V
VCCB = 5 V
PARAMETER
TEST CONDITIONS
VCCA = 2.5 V
VCCA = 3.3 V
UNIT
TYP
TYP
Outputs enabled (B)
55
56
CL = 50 pF,
f = 10 MHz
Outputs disabled (B)
27
6
Cpd
Power dissipation capacitance
pF
Outputs enabled (A)
118
56
CL = 50 pF,
f = 10 MHz
Outputs disabled (A)
58
6
6


Similar Part No. - SN74ALVC164245KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC164245KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com