Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH373PWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVCH373PWRG4
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH373PWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH373PWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALVCH373PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
LE
DESCRIPTION/ORDERING INFORMATION
SN74ALVCH373
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES116H – JULY 1997 – REVISED OCTOBER 2004
Operates From 1.65 V to 3.6 V
Max tpd of 3.3 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This octal transparent D-type latch is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVCH373 is particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers,
and working registers. While the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When
LE is taken low, the Q outputs are latched at the logic levels set up at the D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or
low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH373DW
SOIC - DW
ALVCH373
Tape and reel
SN74ALVCH373DWR
TSSOP - PW
Tape and reel
SN74ALVCH373PWR
VB373
-40
°C to 85°C
TVSOP - DGV
Tape and reel
SN74ALVCH373DGVR
VB373
VFBGA - GQN
SN74ALVCH373GQNR
Tape and reel
VB373
VFBGA - ZQN (Pb-free)
SN74ALVCH373ZQNR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVCH373PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH373PWR TI-SN74ALVCH373PWR Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH373PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com