Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL022 Datasheet(PDF) 7 Page - BeRex Corporation

Part # BL022
Description  50-3000 MHz Wideband LNA Gain Block
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL022 Datasheet(HTML) 7 Page - BeRex Corporation

Back Button BL022 Datasheet HTML 3Page - BeRex Corporation BL022 Datasheet HTML 4Page - BeRex Corporation BL022 Datasheet HTML 5Page - BeRex Corporation BL022 Datasheet HTML 6Page - BeRex Corporation BL022 Datasheet HTML 7Page - BeRex Corporation BL022 Datasheet HTML 8Page - BeRex Corporation BL022 Datasheet HTML 9Page - BeRex Corporation BL022 Datasheet HTML 10Page - BeRex Corporation BL022 Datasheet HTML 11Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
50-3000 MHz Wideband LNA Gain Block
BL022
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Vd = 5V, Id = 70mA
Noise Figure Temperature Performance
(Vds = 5.0V, Ids = 70mA)
Freq
MHz
70
900
1900
2650
2140
Temp
[°C]
-40
0.80
0.7
0.85
1.00
0.90
25
1.00
0.9
0.95
1.25
1.05
85
1.50
1.15
1.40
1.70
1.50
Freq
MHz
70
900
1900
2650
2140
Temp
[°C]
-40
0.80
0.7
0.85
1.00
0.90
25
1.00
0.9
0.95
1.25
1.05
85
1.50
1.15
1.40
1.70
1.50


Similar Part No. - BL022

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL022A BEREX-BL022A Datasheet
914Kb / 7P
   50-6000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
   50-6000 MHz Wideband LNA Gain Block
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
   50-3000 MHz Wideband LNA Gain Block
More results

Similar Description - BL022

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
   50-3000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
   50-6000 MHz Wideband LNA Gain Block
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
   1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
SJM Prewell. All Rights...
PG671 SJM-PG671 Datasheet
395Kb / 9P
   Wideband Gain Block
PNW351 SJM-PNW351 Datasheet
422Kb / 11P
   Wideband Gain Block
PNW355 SJM-PNW355 Datasheet
497Kb / 14P
   Wideband Gain Block
PNW533 SJM-PNW533 Datasheet
336Kb / 5P
   Wideband Gain Block
PS204-63 SJM-PS204-63 Datasheet
519Kb / 11P
   Wideband Gain Block
PW350 SJM-PW350_V01 Datasheet
425Kb / 6P
   Wideband Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com