Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162334DL Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH162334DL
Description  16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162334DL Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVCH162334DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 9Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 10Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 11Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 12Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ALVCH162334DLG4
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH162334GRE4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH162334GRG4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH162334VRE4
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH162334VRG4
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH162334DGGR
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
SN74ALVCH162334DGVR
OBSOLETE
TVSOP
DGV
48
TBD
Call TI
Call TI
SN74ALVCH162334DL
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH162334GR
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH162334VR
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


Similar Part No. - SN74ALVCH162334DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162334DL TI-SN74ALVCH162334DL Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162334DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16334 TI1-SN74AVC16334_09 Datasheet
372Kb / 16P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334 TI-SN74ALVCH162334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVC162334A PERICOM-PI74ALVC162334A Datasheet
87Kb / 5P
   16-Bit Universal Bus Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVC16334 TI-SN74ALVC16334_07 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16334 HITACHI-HD74ALVCH16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16334 HITACHI-HD74ALVC16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162334 HITACHI-HD74ALVC162334 Datasheet
52Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16334 TI-SN74ALVCH16334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI-SN74AVC16334 Datasheet
179Kb / 12P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334_07 Datasheet
308Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com