Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162831GR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALVCH162831GR
Description  1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162831GR Datasheet(HTML) 8 Page - Texas Instruments

  SN74ALVCH162831GR Datasheet HTML 1Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 2Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 3Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL DATA
MTSS005D – JANUARY 1995 – REVISED MARCH 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DBB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040212 / E 03/02
80 PINS SHOWN
0,25
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,45
Seating Plane
100
20,90
20,70
41
0,23
0,13
40
A
80
1
0,15
80
DIM
A MAX
A MIN
PINS**
1,20 MAX
17,10
16,90
0,08
0,40
M
0,07
0
°–8°
0,05
0,20
0,09
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC : 80 Pin – MO-153 Variation FF
100 Pin – MO-194 Variation BB


Similar Part No. - SN74ALVCH162831GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831DBB TI-SN74ALVCH162831DBB Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162831GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com