Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

753201DPTR13 Datasheet(PDF) 1 Page - CTS Corporation

Part # 753201DPTR13
Description  High Density Packaging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753201DPTR13 Datasheet(HTML) 1 Page - CTS Corporation

  753201DPTR13 Datasheet HTML 1Page - CTS Corporation 753201DPTR13 Datasheet HTML 2Page - CTS Corporation 753201DPTR13 Datasheet HTML 3Page - CTS Corporation 753201DPTR13 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0352-0
Page 1 - 4
Rev. B
www.ctscorp.com
Series 753
Surface Mount Resistor Network
FEATURES
• High Density Packaging
• Low Profile
• Inputs/Outputs Available
- Single Row Terminations [SRT] – 08, 09, 10, 12
- Dual Row Terminations [DRT] – 16, 18, 20, 24
• Nickel Barrier Solder-Coated Pads
• Designed for Visual Inspection of Solder Joints
• Designed for Board Cleaning
• Application Specific Circuits are Available
• Compatible with Solder Reflow Process
• Tape and Reel Packaging
RoHS Compliant in Accordance with EU Directive 2005/95/EC
- Lead-Free Termination Finish
- Exemption 5 for Pb in glass material and resistor elements
ORDERING INFORMATION
Notes:
1. No dashes or spaces to appear in part number.
2. Example Part Numbers;
Tape & Reel, 753091103GPTR13.
Bulk, 753103221GP.
Dual Terminator, 753165191APTR7.
PACKAGING
SCHEMATIC
NUMBER OF PINS
P
753
RESISTOR CODE
SRT
08 = 8 pads
09 = 9 pads
10 = 10 pads
12 = 12 pads
DRT
16 = 16 pads
18 = 18 pads
20 = 20 pads
24 = 24 pads
1 - Bussed Circuit
3 - Isolated Circuit
5 - Dual Terminator Circuit
Refer to tables on Page 2.
[Codes are 3 - 4 characters.]
Blank = Bulk Pack [250 pcs.]
TR7 = Tape & Reel, 7" reel
TR13 = Tape & Reel, 13" reel
Schematic 1 & 3
J = ±5%
G = ±2% [Std]
F = ±1%
D = ±1/2%
Schematic 5
Tolerance code is not added for
dual terminator configuration.
Standard tolerance is ±2%.
Lead Finish: Matte Sn over
Ni barrier on Ag thick film.
RoHS COMPLIANT
TOLERANCE
Contact your local CTS Representative or CTS Customer Service for availability.
Not all performance combinations and resistor values may be available.


Similar Part No. - 753201DPTR13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
   A New PSPICE Electro-Thermal Subcircuit
75321D FAIRCHILD-75321D Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
VBsemi Electronics Co.,...
75321D VBSEMI-75321D Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
75321P FAIRCHILD-75321P Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET er MOSFETs
logo
Unisonic Technologies
75323 UTC-75323 Datasheet
172Kb / 10P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - 753201DPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com