Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCHG162282GRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ALVCHG162282GRE4
Description  18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCHG162282GRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74ALVCHG162282GRE4 Datasheet HTML 2Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 3Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCHG162282GRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN74ALVCHG162282
18-BIT TO 36-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES094D – FEBRUARY 1997 – REVISED OCTOBER 2004
over recommended operating free-air temperature range, C
L = 25 pF (A port), 80 pF (B port) (unless otherwise noted)
(see Figure 1)
VCC = 3.3 V
FROM
TO
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
fmax
160
MHz
A
1.5
5
tpd
CLK
ns
B
1.5
7.4
A
1.5
6.3
CLK
B
1.5
9.4
ten
ns
A
1.5
6
OE
B
1.5
9.5
A
1.5
6.4
CLK
B
1.5
7.8
tdis
ns
A
1.5
5
OE
B
1.5
7.6
6


Similar Part No. - 74ALVCHG162282GRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCHG162280GRE4 TI1-74ALVCHG162280GRE4 Datasheet
305Kb / 13P
[Old version datasheet]   16-BIT TO 32-BIT REGISTERED BUS EXCHANGER WITH BYTE MASKS AND 3-STATE OUTPUTS
74ALVCHG162280GRG4 TI1-74ALVCHG162280GRG4 Datasheet
305Kb / 13P
[Old version datasheet]   16-BIT TO 32-BIT REGISTERED BUS EXCHANGER WITH BYTE MASKS AND 3-STATE OUTPUTS
More results

Similar Description - 74ALVCHG162282GRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHG162282 TI-SN74ALVCHG162282 Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16282 TI-SN74ALVCH16282 Datasheet
140Kb / 10P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162270 RENESAS-HD74ALVCH162270 Datasheet
260Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com