Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS527 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALS527
Description  FUSE-PROGRAMMABLE IDENTITY COMPARATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS527 Datasheet(HTML) 6 Page - Texas Instruments

  SN74ALS527 Datasheet HTML 1Page - Texas Instruments SN74ALS527 Datasheet HTML 2Page - Texas Instruments SN74ALS527 Datasheet HTML 3Page - Texas Instruments SN74ALS527 Datasheet HTML 4Page - Texas Instruments SN74ALS527 Datasheet HTML 5Page - Texas Instruments SN74ALS527 Datasheet HTML 6Page - Texas Instruments SN74ALS527 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN54ALS526, SN54ALS527, SN54ALS528
SN74ALS526, SN74ALS527, SN74ALS528
FUSEPROGRAMMABLE IDENTITY COMPARATORS
SDAS051A − JUNE 1984−REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
6
programing parameters
PARAMETER
MIN
MAX
UNIT
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
VIHH
Program-pulse input voltage
11.5
12.5
V
VCC
Supply voltage
6.5
7.5
V
IIHH
Program-pulse input current
Pin (G low)
10
mA
IIHH
Program-pulse input current
G
1.24
mA
’ALS526
31
ICCHH
Supply current with VIHH applied
’ALS527
29
mA
’ALS528
26
tW
Pulse duration, program
10
50
µs
tr
Rise time, program voltage
10
µs
Test
Test
Test
Blow Fuse
Verify
Verify
Verify
VIH
VIL
VIHH
VIH
VIL
VIHH
VIL
VIH
VIL
90%
10%
90%
tw
tr
P
Inputs
Pn
G
P=Q
Don’t Care
Illustrated above is the following sequence:
NOTES: A. It is desired to program a particular input to recognize a high level input. With G low and all P inputs† at VIL, the output is low if no
fuses are blown.
B. With G low and all P inputs† at VIH, the output is high unless all fuses are blown.
C. When the desired input is taken to VIHH, the output goes low if the fuse is intact.
D. G is pulsed to VIHH blowing the desired fuse.
E. After G is low, output will be high indicating that the fuse is blown.
F. The programmed input returns to VIH, the output is high unless all fuses have been blown.
G. All P inputs† are taken to VIL, the output is high if a fuse has been blown.
† For the ’ALS527, P8 through P11 inputs must match the Q8 through Q11 inputs.
Figure 1. Programming Waveforms


Similar Part No. - SN74ALS527

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS527 TI-SN74ALS527 Datasheet
95Kb / 7P
[Old version datasheet]   FUSE-PROGRAMMABLE IDENTITY COMPARATORS
More results

Similar Description - SN74ALS527

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS526 TI-SN74ALS526 Datasheet
95Kb / 7P
[Old version datasheet]   FUSE-PROGRAMMABLE IDENTITY COMPARATORS
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com