Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFS Datasheet(PDF) 8 Page - Samtec, Inc

Part # QFS
Description  0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QFS Datasheet(HTML) 8 Page - Samtec, Inc

  QFS Datasheet HTML 1Page - Samtec, Inc QFS Datasheet HTML 2Page - Samtec, Inc QFS Datasheet HTML 3Page - Samtec, Inc QFS Datasheet HTML 4Page - Samtec, Inc QFS Datasheet HTML 5Page - Samtec, Inc QFS Datasheet HTML 6Page - Samtec, Inc QFS Datasheet HTML 7Page - Samtec, Inc QFS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
Series: QFS / QMS 0,635 mm (.025”) Q2™ High Speed Rugged Ground Plane Socket / Terminal Strips
Revision: D
Date: February 29, 2016
© Samtec, Inc.
Page 8
7.5 Stencil Thickness: The stencil thickness is
.006” (0,15mm).
7.6 Placement: Machine placement of the parts is recommended.
7.7 Reflow Environment: Samtec recommends the use of a low level oxygen environment (typically achieved through
Nitrogen gas infusion) in the reflow process to improve solderability.
7.8 Rework Guidelines: Samtec recommends following these rework guidelines as needed: QXX/BXX Connector
Rework Methods
7.9 Hardware: Board-to-board standoffs are recommended to provide a robust mechanical connection. Samtec offers
two different types:
7.9.1
Traditional Standoffs (SO)
– Rigid design to statically support board-to-board applications. See
options here:
SO - Board Stacking Standoff
7.9.2
Jack Screw Standoffs (JSO)
– Serve same function as traditional standoffs but unique, nested
construction facilitates the mating and unmating process. This is especially helpful for multiple
connector applications where the mating and unmating forces increase with the number of
connectors used. See options here:
JSO - Jack Screw Standoffs
7.10 Cleaning: Samtec, Inc. has verified that our connectors may be cleaned in accordance with the solvents and
conditions designated in the EIA-364-11A standard.
8.0 ADDITIONAL RESOURCES
8.1 For additional mechanical testing or product information, contact our Customer Engineering Support Group at
CES@samtec.com
8.2 For additional information on high speed performance testing, contact our Signal Integrity Group at
SIG@samtec.com
8.3 For additional processing information, contact our Interconnect Processing Group at IPG@samtec.com
8.4 For RoHS, REACH or other environmental compliance information, contact our Product Environmental
Compliance Group at PEC@samtec.com
USE OF PRODUCT SPECIFICATION SHEET
This Product Specification Sheet (“PSS”) is a brief summary of information related to the Product identified. As a summary, it
should only be used for the limited purpose of considering the purchase/use of Product. For specific, detailed information, including
but not limited to testing and Product footprint, refer to Section 2.0 of this document and the links there provided to test reports and
prints. This PSS is the property of Samtec, Inc. (“Samtec”) and contains proprietary information of Samtec, our various licensors, or
both. Samtec does not grant express or implied rights or license under any patent, copyright, trademark or other proprietary rights
and the use of the PSS for building, reverse engineering or replication is strictly prohibited. By using the PSS, the user agrees to not
infringe, directly or indirectly, upon any intellectual property rights of Samtec and acknowledges that Samtec, our various licensors,
or both own all intellectual property therein. The PSS is presented “AS IS”. While Samtec makes every effort to present excellent
information, the PSS is only provided as a guideline and does not, therefore, warrant it is without error or defect or that the PSS
contains all necessary and/or relevant information about the Product. The user agrees that all access and use of the PSS is at its own
risk. NO WARRANTIES EXPRESSED OR IMPLIED, INCLUDING ANY WARRANTY OF MERCHANTABILITY,
FITNESS FOR A PARTICULAR PURPOSE OR OF ANY KIND WHATSOEVER ARE PROVIDED.


Similar Part No. - QFS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QFS-026-04.25-H-D-RF1 SAMTEC-QFS-026-04.25-H-D-RF1 Datasheet
268Kb / 1P
   HIGH-SPEED COMBO RF & POWER
QFS-052-04.25-L-D-A SAMTEC-QFS-052-04.25-L-D-A Datasheet
415Kb / 1P
   RUGGED GROUND PLANE SOCKET
QFSS SAMTEC-QFSS Datasheet
278Kb / 7P
   QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QFSS-016-04.25-L-D-DP-A SAMTEC-QFSS-016-04.25-L-D-DP-A Datasheet
243Kb / 6P
   QFSS-052-04.25-X-D-A-PC4 DESIGN SHOWN
QFSS-026-04.25-L-D-A SAMTEC-QFSS-026-04.25-L-D-A Datasheet
429Kb / 1P
   SHIELDED GROUND PLANE SOCKET
More results

Similar Description - QFS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QMS SAMTEC-QMS Datasheet
869Kb / 8P
   0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTH SAMTEC-QTH Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
   0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
   0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QFS-052-04.25-L-D-A SAMTEC-QFS-052-04.25-L-D-A Datasheet
415Kb / 1P
   RUGGED GROUND PLANE SOCKET
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-090-01-L-D-A-K SAMTEC-QSH-090-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com