Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G07DCKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G07DCKR
Description  Low-Power Single Buffer/Driver With Open-Drain Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G07DCKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G07DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 9Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 10Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 11Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 12Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 13Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 14Page - Texas Instruments SN74AUP1G07DCKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
3.3 V Bus Driver
1 V Micro Processor
VCC
0.1 F
µ
1 V regulated
Driver
µC
vpu
10K
SN74AUP1G07
www.ti.com
SCES591J – JULY 2004 – REVISED JUNE 2014
10 Application and Implementation
10.1 Application Information
The AUP family is TI's premier solution to the industry’s low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity. It
has a small amount of hysteresis built in allowing for slower or noisy input signals. The lowered drive produces
slower edges and prevents overshoot and undershoot on the outputs.
10.2 Typical Application
Figure 5. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits.
10.2.2 Detailed Design Procedure
1. Recommended Input conditions
Rise time and fall time specs. See (
Δt/ΔV) in Recommended Operating Conditions
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions
Inputs are overvoltage tolerant allowing them to go as high as 3.6 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 20 mA on the output and 50 mA total for the part
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AUP1G07


Similar Part No. - SN74AUP1G07DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07DCKR TI-SN74AUP1G07DCKR Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DCKR TI-SN74AUP1G07DCKR Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DCKRE4 TI-SN74AUP1G07DCKRE4 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DCKRE4 TI-SN74AUP1G07DCKRE4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DCKRG4 TI-SN74AUP1G07DCKRG4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74AUP1G07DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com