Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMS Datasheet(PDF) 6 Page - Samtec, Inc

Part # QMS
Description  0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QMS Datasheet(HTML) 6 Page - Samtec, Inc

  QMS Datasheet HTML 1Page - Samtec, Inc QMS Datasheet HTML 2Page - Samtec, Inc QMS Datasheet HTML 3Page - Samtec, Inc QMS Datasheet HTML 4Page - Samtec, Inc QMS Datasheet HTML 5Page - Samtec, Inc QMS Datasheet HTML 6Page - Samtec, Inc QMS Datasheet HTML 7Page - Samtec, Inc QMS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
Series: QFS / QMS 0,635 mm (.025”) Q2™ High Speed Rugged Ground Plane Socket / Terminal Strips
Revision: D
Date: February 29, 2016
© Samtec, Inc.
Page 6
7.2 Mating Angle Requirements: The connector can be zippered in the longitudinal direction only.
7.2.1
7.2.2


Similar Part No. - QMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QMS-026-09.75-SL-D-A SAMTEC-QMS-026-09.75-SL-D-A Datasheet
390Kb / 1P
   RUGGED GROUND PLANE HEADER
QMS-052-01-SL-D-RA SAMTEC-QMS-052-01-SL-D-RA Datasheet
619Kb / 1P
   RIGHT-ANGLE GROUND PLANE HEADER
QMS-052-05.75-L-D-A SAMTEC-QMS-052-05.75-L-D-A Datasheet
1Mb / 6P
   .635mm DOUBLE ROW TERMINAL STRIP
QMSS SAMTEC-QMSS Datasheet
278Kb / 7P
   QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QMSS-016-06.75-L-D SAMTEC-QMSS-016-06.75-L-D Datasheet
430Kb / 1P
   SHIELDED GROUND PLANE HEADER
More results

Similar Description - QMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QFS SAMTEC-QFS Datasheet
869Kb / 8P
   0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTH SAMTEC-QTH Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
   0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
   0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QFS-052-04.25-L-D-A SAMTEC-QFS-052-04.25-L-D-A Datasheet
415Kb / 1P
   RUGGED GROUND PLANE SOCKET
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-090-01-L-D-A-K SAMTEC-QSH-090-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com