Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS805ADWR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS805ADWR
Description  HEX 2-INPUT NOR DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS805ADWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS805ADWR Datasheet HTML 1Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 2Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 3Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 4Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 5Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 6Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 7Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 8Page - Texas Instruments SN74ALS805ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54ALS805A, SN54AS805B, SN74ALS805A, SN74AS805B
HEX 2INPUT NOR DRIVERS
SDAS023C − DECEMBER 1982 − REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS805A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS805A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS805A
SN74ALS805A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS805A
SN74ALS805A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
VOH
IOH = − 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = − 12 mA
2
V
VCC = 4.5 V
IOH = − 15 mA
2
VOL
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 0
2
4
2
4
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
8
14
8
14
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS805ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS805ADW TI-SN74ALS805ADW Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
More results

Similar Description - SN74ALS805ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN74AS1805 TI-SN74AS1805 Datasheet
70Kb / 4P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS805B FAIRCHILD-DM74AS805B Datasheet
43Kb / 4P
   Hex 2-Input NOR Driver
logo
Texas Instruments
SN74AS1805 TI1-SN74AS1805_09 Datasheet
174Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54AS808B TI1-SN54AS808B_16 Datasheet
618Kb / 13P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
   Hex 2-input OR drivers
1991 Jan 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com