Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G34DCKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G34DCKT
Description  Low-Power Single Buffer Gate
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G34DCKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G34DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 9Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN74AUP1G34
SCES603K – AUGUST 2004 – REVISED OCTOBER 2014
www.ti.com
7.7 Switching Characteristics, CL = 10 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
2.7
16.6
28.2
1.2 V ± 0.1 V
3.6
6.6
12.7
0.3
15.4
1.5 V ± 0.1 V
3
4.8
8.3
1.2
10.3
tpd
A
Y
ns
1.8 V ± 0.15 V
2.7
3.9
6.9
1.3
8.3
2.5 V ± 0.2 V
2.3
2.9
4.5
1.2
5.8
3.3 V ± 0.3 V
2
2.4
3.8
1.1
4.8
7.8 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
5.1
18.6
30.2
1.2 V ± 0.1 V
4.3
7.5
13.6
1.3
16.5
1.5 V ± 0.1 V
3.6
5.5
9
1.9
11.2
tpd
A
Y
ns
1.8 V ± 0.15 V
3.2
4.5
7.5
1.9
8.9
2.5 V ± 0.2 V
2.6
3.4
5.2
1.7
6.5
3.3 V ± 0.3 V
2.3
2.9
4.2
1.5
5
7.9 Switching Characteristics, CL = 30 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
9.9
24.2
36.3
1.2 V ± 0.1 V
6.3
10.1
16.3
3.6
18.9
1.5 V ± 0.1 V
5.1
7.4
11
3.4
13
tpd
A
Y
ns
1.8 V ± 0.15 V
4.5
6.1
9.3
3.2
10.6
2.5 V ± 0.2 V
3.7
4.7
6.4
2.7
7.8
3.3 V ± 0.3 V
3.3
4
5.3
2.5
6.5
7.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
3.8
1.2 V ± 0.1 V
3.8
1.5 V ± 0.1 V
3.8
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
3.8
2.5 V ± 0.2 V
3.9
3.3 V ± 0.3 V
4.1
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G34


Similar Part No. - SN74AUP1G34DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34DCKT TI-SN74AUP1G34DCKT Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP1G34DCKT TI-SN74AUP1G34DCKT Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP1G34DCKTE4 TI-SN74AUP1G34DCKTE4 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP1G34DCKTE4 TI-SN74AUP1G34DCKTE4 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP1G34DCKTG4 TI-SN74AUP1G34DCKTG4 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
More results

Similar Description - SN74AUP1G34DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com