Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSS Datasheet(PDF) 6 Page - Samtec, Inc

Part # QSS
Description  0,635mm High Speed Socket / Terminal Strips
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSS Datasheet(HTML) 6 Page - Samtec, Inc

  QSS Datasheet HTML 1Page - Samtec, Inc QSS Datasheet HTML 2Page - Samtec, Inc QSS Datasheet HTML 3Page - Samtec, Inc QSS Datasheet HTML 4Page - Samtec, Inc QSS Datasheet HTML 5Page - Samtec, Inc QSS Datasheet HTML 6Page - Samtec, Inc QSS Datasheet HTML 7Page - Samtec, Inc QSS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
Series: QSS / QTS 0,635mm High Speed Socket / Terminal Strips
Revision: E
Date: November 11, 2015
© 2012 Samtec, Inc.
Page 6
7.3 Due to variances in equipment, solder pastes and applications (board design, component density, etc.), Samtec
does not specify a recommended reflow profile for our connectors. The processing parameters provided by the
solder paste manufacturer should be employed and can usually be found on their website.
All of Samtec
’s surface mount components are lead free reflow compatible and compliant with the profile
parameters detailed in IPC/JEDEC J-STD-020E which requires that components be capable of withstanding a peak
temperature of 260°C as well as 30 seconds above 255°C.
Samtec Recommended Temperature Profile Ranges (SMT)
Sn-Pb Eutectic Assembly
Preheat/Soak
(100°C-150°C)
Max Ramp Up
Rate
Reflow Time
(above 183°C)
Peak
Temp
Time within 5°C
of 235°C
Max Ramp
Down Rate
Time 25°C to
Peak Temp
60-120 sec.
3°C/s max.
40-150 sec.
235°C
20 sec. max.
6°C/s max.
6 min. max.
Pb-Free Assembly
Preheat/Soak
(150°C-200°C)
Max Ramp Up
Rate
Reflow Time
(above 217°C)
Peak
Temp
Time within 5°C
of 260°C
Max Ramp
Down Rate
Time 25°C to
Peak Temp
60-120 sec.
3°C/s max.
40-150 sec.
260°C
30 sec. max.
6°C/s max.
8 min. max.
7.3.1
These guidelines should not be considered design requirements for all applications.
Samtec recommends testing interconnects on your boards in your process to guarantee optimum results.


Similar Part No. - QSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSS-025-01-L-D-A SAMTEC-QSS-025-01-L-D-A Datasheet
306Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSS-025-01-L-D-RA-MTI SAMTEC-QSS-025-01-L-D-RA-MTI Datasheet
312Kb / 1P
   RIGHT-ANGLE GROUND PLANE SOCKET
QSS-075-01-L-D-A SAMTEC-QSS-075-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
logo
PHOENIX CONTACT
QSS-19 PHOENIX-QSS-19 Datasheet
49Kb / 2P
   Socket wrench, for tightening and unscrewing the QUICKON union nut, wrench size 19 mm
QSS-24 PHOENIX-QSS-24 Datasheet
50Kb / 2P
   Allen wrench, for loosening and fastening the QUICKON union nut, WAF 24 mm
More results

Similar Description - QSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QTS SAMTEC-QTS Datasheet
646Kb / 8P
   0,635mm High Speed Socket / Terminal Strips
LSS SAMTEC-LSS Datasheet
700Kb / 8P
   0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QFS SAMTEC-QFS Datasheet
869Kb / 8P
   0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QTH SAMTEC-QTH Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
   0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
   0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QMS SAMTEC-QMS Datasheet
869Kb / 8P
   0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
   0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
ERM8 SAMTEC-ERM8 Datasheet
579Kb / 2P
   RUGGED HIGH-SPEED STRIPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com