Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3226E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3226E
Description  3.0V to 5.5V RS-232 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3226E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3226E Datasheet HTML 4Page - Exar Corporation SP3226E Datasheet HTML 5Page - Exar Corporation SP3226E Datasheet HTML 6Page - Exar Corporation SP3226E Datasheet HTML 7Page - Exar Corporation SP3226E Datasheet HTML 8Page - Exar Corporation SP3226E Datasheet HTML 9Page - Exar Corporation SP3226E Datasheet HTML 10Page - Exar Corporation SP3226E Datasheet HTML 11Page - Exar Corporation SP3226E Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3224E,3225E,3226E,3227E_0_087
SP3224E/SP3226EC2+Charge
PumpWaveforms,Vcc=3.3V,All
Channelsswitching
SP3224E/SP3226EC2+Charge
PumpWaveforms,Vcc=5V,
AllChannelsswitching
SP3225E/SP3227EWaveforms
for1MbpsClockRate,RL=3KΩ,
CL=50pF
SP3225E/SP3227EWaveformsfor
1MbpsClockRate,RL=3KΩ,
CL=250pF
SP3225E/SP3227EWaveforms
for1MbpsClockRate,RL=3KΩ,
CL=1000pF
SP3225E/SP3227ECharge
PumpOutofShutdown
TyPICAL PERFORMANCE CHARACTERISTICS: SCOPE SHOTS
AllChargePumpwaveformsusechargepumpcapacitorvaluesC1-C4=0.1µF


Similar Part No. - SP3226E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3226ECA-L SIPEX-SP3226ECA-L Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
SP3226ECY-L SIPEX-SP3226ECY-L Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
SP3226EEA-L SIPEX-SP3226EEA-L Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
SP3226EEY-L SIPEX-SP3226EEY-L Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
More results

Similar Description - SP3226E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3222EB_0511 SIPEX-SP3222EB_0511 Datasheet
681Kb / 25P
   CorporationTrue 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com