Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6120 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6120 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6120 Datasheet HTML 2Page - Exar Corporation SP6120 Datasheet HTML 3Page - Exar Corporation SP6120 Datasheet HTML 4Page - Exar Corporation SP6120 Datasheet HTML 5Page - Exar Corporation SP6120 Datasheet HTML 6Page - Exar Corporation SP6120 Datasheet HTML 7Page - Exar Corporation SP6120 Datasheet HTML 8Page - Exar Corporation SP6120 Datasheet HTML 9Page - Exar Corporation SP6120 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
50
60
70
80
90
100
02
46
Output Current (A)
810
Figure 2. Efficiency vs. Output Current
Figure 3. Load Regulation
Figure 4. Load Step Response: 0.4A to 2A
Figure 5. Load Step Response: 0.4A to 7A
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to circuit in Figure 1 with V
IN = 3.3V; VOUT = 1.9V, ROSC = 18.7kΩ, and TAMB = +25°C unless otherwise noted.
Figure 6. Start-Up Response: 5A Load
1.875
1.880
1.885
1.890
1.895
1.900
1.905
1.910
1.915
1.920
1.925
01
23
45
Load Current (A)
VOUT
Gate High
IOUT(1A/div)
VOUT
Gate High
IOUT(5A/div)
VOUT
VIN
Soft Start
IIN (1A/div)
Figure 7. Overcurrent: 9A Load
VOUT
VIN
Soft Start
IOUT (5A/div)


Similar Part No. - SP6120

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120BCY SIPEX-SP6120BCY Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
More results

Similar Description - SP6120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com