Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24113
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24113 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24113 Datasheet HTML 1Page - Texas Instruments BQ24113 Datasheet HTML 2Page - Texas Instruments BQ24113 Datasheet HTML 3Page - Texas Instruments BQ24113 Datasheet HTML 4Page - Texas Instruments BQ24113 Datasheet HTML 5Page - Texas Instruments BQ24113 Datasheet HTML 6Page - Texas Instruments BQ24113 Datasheet HTML 7Page - Texas Instruments BQ24113 Datasheet HTML 8Page - Texas Instruments BQ24113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
V
IREG +
1V
RSET1
1000,
V
IREG*PRE +
0.1V
RSET2
1000,
bq24100, bq24103
bq24105, bq24108
bq24113, bq24115
SLUS606C – JUNE 2004 – REVISED SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
T
J = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REGULATION
CELLS = Low, in voltage regulation
4.2
Output voltage, bq24103/13
VOREG
CELLS = High, in voltage regulation
8.4
V
Output voltage, bq24100/08
Operating in voltage regulation
4.2
Feedback regulation REF for bq24105/15
VIBAT
IIBAT = 25 nA typical into pin
2.1
V
only (W/FB)
TA = 25°C
–0.5%
0.5%
Voltage regulation accuracy
–1%
1%
CURRENT REGULATION - FAST CHARGE
VLOWV ≤ VI(BAT) < VOREG,
IOCHARGE
Output current range of converter
150
2000
mA
V(VCC) - VI(BAT) > V(DO-MAX)
100 mV
≤ V
IREG≤ 200 mV,
VIREG
Voltage regulated across R(SNS) Accuracy
–10%
10%
Programmed Where
5 k
Ω ≤ RSET1 ≤ 10 kΩ, Select RSET1 to
program VIREG,
VIREG(measured) = IOCHARGE + RSNS
(–10% to 10% excludes errors due to RSET1
and R(SNS) tolerances)
V(LOWV) ≤ VI(BAT) ≤ VO(REG),
V(ISET1)
Output current set voltage
1
V
V(VCC) ≥ VI(BAT) × V(DO-MAX)
VLOWV ≤ VI(BAT) < VO(REG) ,
K(ISET1)
Output current set factor
1000
V/A
V(VCC) ≥ VI(BAT) + V(DO-MAX)
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition voltage
VLOWV
68
71.4
75
%VO(REG)
threshold, BAT, bq24100/03/05/08 ICs only
Deglitch time for precharge to fast charge
Rising voltage;
t
20
30
40
ms
transition
tRISE, tFALL = 100 ns, 2-mV overdrive
IOPRECHG
Precharge range
VI(BAT) < VLOWV, t < tPRECHG
15
200
mA
V(ISET2)
Precharge set voltage, ISET2
VI(BAT) < VLOWV, t < tPRECHG
100
mV
K(ISET2)
Precharge current set factor
1000
V/A
100 mV
≤ V
IREG-PRE ≤ 100 mV,
VIREG-PRE
Voltage regulated across RSNS-Accuracy
–20%
20%
(PGM) Where
1.2 k
Ω ≤ RSET2 ≤ 10 kΩ, Select RSET1
to program VIREG-PRE,
VIREG-PRE (Measured) = IOPRE-CHG × RSNS
(–20% to 20% excludes errors due to RSET1
and RSNS tolerances)
CHARGE TERMINATION (CURRENT TAPER) DETECTION
ITERM
Charge current termination detection range
VI(BAT) > VRCH
15
200
mA
Charge termination detection set voltage,
VTERM
VI(BAT) > VRCH
100
mV
ISET2
K(ISET2)
Termination current set factor
1000
V/A
Charger termination accuracy
VI(BAT) > VRCH
–20%
20%
Both rising and falling,
tdg-TERM
Deglitch time for charge termination
20
30
40
ms
2-mV overdrive tRISE, tFALL = 100 ns
TEMPERATURE COMPARATOR AND VTSB BIAS REGULATOR
VLTF
Cold temperature threshold, TS
72.8
73.5
74.2
VHTF
Hot temperature threshold, TS
33.7
34.4
35.1
%VO(VTSB)
VTCO
Cutoff temperature threshold, TS
28.7
29.3
29.9
LTF hysteresis
0.5
1.0
1.5
4


Similar Part No. - BQ24113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113 TI-BQ24113 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113 TI-BQ24113 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24113 TI-BQ24113 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
bq24113 TI1-bq24113 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24113A TI-BQ24113A Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results

Similar Description - BQ24113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com