Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128AEY Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6128AEY
Description  Synchronous Step Down PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128AEY Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6128AEY Datasheet HTML 2Page - Exar Corporation SP6128AEY Datasheet HTML 3Page - Exar Corporation SP6128AEY Datasheet HTML 4Page - Exar Corporation SP6128AEY Datasheet HTML 5Page - Exar Corporation SP6128AEY Datasheet HTML 6Page - Exar Corporation SP6128AEY Datasheet HTML 7Page - Exar Corporation SP6128AEY Datasheet HTML 8Page - Exar Corporation SP6128AEY Datasheet HTML 9Page - Exar Corporation SP6128AEY Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
As the figure shows, the SS voltage controls a
variety of signals. First, provided all the exter-
nal fault conditions are removed, an internal
5
µA pull-up at the COMP pin brings the
SP6128A out of shutdown mode. The internal
timing circuit is then activated and controls the
ramp-up of the error amp reference voltage. The
COMP pin is pulled to 0.7V by the internal
clamp and then gradually charges preventing
the error amplifier from forcing the loop to
maximum duty cycle. As the COMP voltage
crosses about 1V (valley voltage of the PWM
ramp), the driver begins to switch the high side
MOSFET with narrow pulses in an effort to
keep the converter output regulated . The
SP6128A operates at low duty cycle as the
COMP voltage increases above 1V. As the error
amp reference ramps upward, the driver pulses
widen until a steady state value is reached and
the output voltage is regulated to the final value
ending the soft start charge cycle.
Hiccup Mode
When the converter enters a fault mode, the
SP6128A holds the high side and low side
MOSFETs off for a finite period of time. Provided
that the SP6128A is enabled, this time is set by the
internal charge of the soft-start capacitor. In the
event of an overcurrent condition, the current
sense comparator sets the fault latch, which in turn
discharge the internal SS capacitor, the COMP pin
and holds the output drivers off. During this con-
dition, the SP6128A stays off for the time it takes
to discharge the COMP pin down to the 0.29V
shutdown threshold. At this point, the fault latch
is reset, but before the SP6128A is allowed to
attempt restart, the COMP pin has to charge back
to 1V before any output switching can be initiated.
Then, the regulator attempts to restart normally by
delivering short gate pulses and if the overcurrent
condition is still present, the cycle will repeat itself.
However, if upon restart, the overcurrent condi-
tion is still present, the SP6128A will detect the
fault and remain in a fault state until the internal
soft start voltage reaches about VCC-1V thereby
increasing the MOSFET off-time. This protection
scheme minimizes thermal stress to the regulator
components as the overcurrent condition persists.
OPERATION: continued
0.8 V
I(L)
TIME
0.3 V
0.7 V
1 V
0 V
COMP
Internal SS
0 V
SWN
Voltage
Voltage
FAULT
Current
Inductor
0 A
Voltage
Reference
Error Amp
0 V
V(VCC)
0 V
V(VCC)


Similar Part No. - SP6128AEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128AEY SIPEX-SP6128AEY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128AEY SIPEX-SP6128AEY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128AEY/TR SIPEX-SP6128AEY/TR Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128AEY/TR SIPEX-SP6128AEY/TR Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6128AEY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com