Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128AHY Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6128AHY
Description  Synchronous Step Down PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128AHY Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6128AHY Datasheet HTML 2Page - Exar Corporation SP6128AHY Datasheet HTML 3Page - Exar Corporation SP6128AHY Datasheet HTML 4Page - Exar Corporation SP6128AHY Datasheet HTML 5Page - Exar Corporation SP6128AHY Datasheet HTML 6Page - Exar Corporation SP6128AHY Datasheet HTML 7Page - Exar Corporation SP6128AHY Datasheet HTML 8Page - Exar Corporation SP6128AHY Datasheet HTML 9Page - Exar Corporation SP6128AHY Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Operating Temperature Range
Package Type
SP6128AEY ............................................ -40˚C to +85˚C ...................................... 14-Pin TSSOP
SP6128AEY/TR ...................................... -40˚C to +85˚C ...................................... 14-Pin TSSOP
SP6128AHY ........................................... -40˚C to +105˚C ..................................... 14-Pin TSSOP
SP6128AHY/TR ..................................... -40˚C to +105˚C ..................................... 14-Pin TSSOP
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6128AEY/TR = standard; SP6128AEY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for TSSOP.
SP6128ACY .............................................. 0˚C to +70˚C ....................................... 14-Pin TSSOP
SP6128ACY/TR ........................................ 0˚C to +70˚C ....................................... 14-Pin TSSOP


Similar Part No. - SP6128AHY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128AHY SIPEX-SP6128AHY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128AHY/TR SIPEX-SP6128AHY/TR Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6128AHY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com