Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128ACY Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6128ACY
Description  Synchronous Step Down PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128ACY Datasheet(HTML) 2 Page - Exar Corporation

  SP6128ACY Datasheet HTML 1Page - Exar Corporation SP6128ACY Datasheet HTML 2Page - Exar Corporation SP6128ACY Datasheet HTML 3Page - Exar Corporation SP6128ACY Datasheet HTML 4Page - Exar Corporation SP6128ACY Datasheet HTML 5Page - Exar Corporation SP6128ACY Datasheet HTML 6Page - Exar Corporation SP6128ACY Datasheet HTML 7Page - Exar Corporation SP6128ACY Datasheet HTML 8Page - Exar Corporation SP6128ACY Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
PARAMETER
MIN
TYP MAX
UNITS
CONDITIONS
QUIESCENT CURRENT
VCC Supply Current
0.5
1.0
mA
No Switching
PVCC Supply Current
1
20
µA
No Switching, GH = Low
VCC Supply Current(Disabled)
30
60
µA
COMP=0V
PVCC Supply Current (Disabled)
1
20
µA
COMP=0V
ERROR AMPLIFIER
Error Amplifier Transconductance
0.6
ms
COMP Sink Current
10
35
65
µA
VFB = 0.9V, COMP = 0.9V, No Faults
COMP Source Current
10
35
65
µA
VFB = 0.7V, COMP = 2V
COMP Output Impedance
3
MΩ
VFB Input Bias Current
130
nA
Error Amplifier Reference
0.788 0.8
0.812
V
Trimmed with Error Amp in Unity Gain
OSCILLATOR & DELAY PATH
Internal Oscillator Frequency
270
300
330
kHz
Maximum Controlled Duty Cycle
90
%
Loop in control - 100% DC Possible
Minimum Duty Cycle
0
%
Comp=0.7V
Minimum GH Pulse Width
150
250
ns
PVCC > 4.5V, Ramp up COMP voltage
until GH starts switching
CURRENT LIMIT
ISET Pin Sink Current
10
12.5
15
µA
Temp = 25 °C
ISET Current Temperature Coefficient
3400
ppm/°C
Current Limit Time Constant
15
µs
Overcurrent Comparator
100
125
150
mV
VISET - VSWN, Temp = 25°C
Threshold Voltage
Threshold Voltage Temperature
3400
ppm/°C
Coefficient
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: -40°C < TA < 85°C, 3.0V < PVCC = VCC < 5.5V, CCOMP = 22nF, CGH = CGL = 3.3nF, VFB = 0.8V,
SWN = GND = 0V, typical value for design guideline only.
VCC, PVCC ......................................................................................... 7V
BST .................................................................. 13.2V
BST-SWN .............................................................. 7V
SWN ............................................................ -1V to 7V
GH ............................................... -0.3V to BST +0.3V
GH-SWN ............................................................... 7V
All other pins ................................ -0.3V to VCC + 0.3V
Peak Output Current < 10µs
GH,GL .................................................................. 2A
Storage Temperature ........................ -65°C to 150°C
Power Dissipation .............................................. 1.3W
Junction Temperature, TJ ................................ 125°C
Lead Temperature (Soldering, 10 sec) ............ 300°C
ESD Rating. ................................................ 2kV HBM
Thermal Resistance
θJC ............................. 31.7°C/W
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - SP6128ACY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128ACY SIPEX-SP6128ACY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128ACY/TR SIPEX-SP6128ACY/TR Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6128ACY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com