Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49153 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM49153
Description  Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49153 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM49153_15 Datasheet HTML 3Page - Texas Instruments LM49153_15 Datasheet HTML 4Page - Texas Instruments LM49153_15 Datasheet HTML 5Page - Texas Instruments LM49153_15 Datasheet HTML 6Page - Texas Instruments LM49153_15 Datasheet HTML 7Page - Texas Instruments LM49153_15 Datasheet HTML 8Page - Texas Instruments LM49153_15 Datasheet HTML 9Page - Texas Instruments LM49153_15 Datasheet HTML 10Page - Texas Instruments LM49153_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM49153
www.ti.com
SNAS496C – JANUARY 2011 – REVISED MAY 2013
Electrical Characteristics VDD = 3.6V, HPVDD = 1.8V
(1)(2) (continued)
The following specifications apply for VDD = LSVDD, AV = 0dB, RL = 15μH+8Ω+15µH (Loudspeaker), RL = 32Ω (Headphone),
CSET = 0.1µF, f = 1kHz, ALC off, unless otherwise specified. Limits apply for TA = 25°C.
(3).
LM49153
Units
Symbol
Parameter
Conditions
(Limits)
Typical(4)
Limits(5)
A-weighted, Inputs AC GND
LS Mode, mono input
46
µV
εOS
Output Noise
LS Mode, stereo input
52
µV
HP Mode, mono input
11
µV
HP Mode, stereo input
11
µV
LS Mode, PO = 680mW, A-weighted, Mono
94
dB
SNR
Signal to Noise Ratio
HP Mode, PO = 25mW, A-weighted
98
dB
I2C = 1
0.1
ms
tA
Noise Gate Attack Time
I2C = 0
0.9
ms
I2C = 0
1.2
s
tR
Noise Gate Release Time
I2C = 1
2.1
s
Low 010
7.3
VP-P
CC
Clip Control
Medium 011
7.8
VP-P
High 100
8.1
VP-P
LS Mode 1, THD+N
≤ 1%, Voltage Level(6)
001
4
VP-P
010
4.8
VP-P
PLIMIT
Output Power Limit
011
5.6
VP-P
100
6.4
VP-P
101
7.2
VP-P
110
8.0
VP-P
tA
ALC Attack Time
0.5
ms
tR
ALC Release Time
200
ms
(6)
The LM49153 ALC limits the output power to which ever is lower, the supply voltage or output power limit.
I
2C Interface Characteristics V
DD = 3.6V
(1) (2)
The following specifications apply for AV = 0dB, RL = 8Ω, f = 1kHz, unless otherwise specified. Limits apply for TA = 25°C.
LM49153
Units
Symbol
Parameter
Conditions
Typical
Limits
(Limits)
(3)
(4)
t1
SCL Period
2.5
µs (min)
t2
SDA Setup Time
250
ns (min)
t3
SDA Stable Time
0
ns (min)
t4
Start Condition Time
250
ns (min)
t5
Stop Condition Time
250
ns (min)
VIH
Input High Voltage
1.2
V (min)
VIL
Input Low Voltage
0.6
V (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49153


Similar Part No. - LM49153_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49153TM TI1-LM49153TM Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49153TMX TI1-LM49153TMX Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
More results

Similar Description - LM49153_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com