Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24115RHLT Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24115RHLT
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24115RHLT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24115RHLT Datasheet HTML 1Page - Texas Instruments BQ24115RHLT Datasheet HTML 2Page - Texas Instruments BQ24115RHLT Datasheet HTML 3Page - Texas Instruments BQ24115RHLT Datasheet HTML 4Page - Texas Instruments BQ24115RHLT Datasheet HTML 5Page - Texas Instruments BQ24115RHLT Datasheet HTML 6Page - Texas Instruments BQ24115RHLT Datasheet HTML 7Page - Texas Instruments BQ24115RHLT Datasheet HTML 8Page - Texas Instruments BQ24115RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq24100, bq24103
bq24105, bq24108
bq24113, bq24115
SLUS606C – JUNE 2004 – REVISED SEPTEMBER 2005
TA < 40°C
DERATING FACTOR
PACKAGE
Θ
JA
POWER RATING
ABOVE TA = 40°C
RHL(1)
46.87°C/W
1.81 W
0.021 W/°C
(1)
This data is based on using the JEDEC High-K board, and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
over operating free-air temperature range (unless otherwise noted)
UNIT
Supply voltage range (with respect to VSS)
IN, VCC
20 V
STAT1, STAT2, PG, CE, CELLS, SNS, BAT
–0.3 V to 20 V
OUT
–0.7 V to 20 V
Input voltage range (with respect to VSS and PGND)
CMODE, TS, TTC
7 V
VTSB
3.6 V
ISET1, ISET2
3.3 V
Voltage difference between SNS and BAT inputs (VSNS - VBAT)
±1 V
Output sink
STAT1, STAT2, PG
10 mA
Output current (average)
OUT
2.2 A
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Junction temperature range
–40°C to 125°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage, VCC and IN (Tie together)
4.35(1)
16.0(2)
V
Operating junction temperature range, TJ
–40
125
°C
(1)
The IC continues to operate below Vmin, to 3.5 V, but the specifications are not tested and not guaranteed.
(2)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the IN or OUT pins. A tight layout
minimizes switching noise.
T
J = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VCC > VCC(min), PWM switching
10
mA
IVCC(VCC)
VCC supply current
VCC > VCC(min), PWM NOT switching
5
VCC > VCC(min), CE = HIGH
315
µA
0°C
≤ T
J ≤ 65°C, VI(BAT) = 4.2 V,
3.5
VCC < V(SLP) or VCC > V(SLP) but not in charge
Battery discharge sleep current, (SNS,
0°C
≤ T
J ≤ 65°C, VI(BAT) = 8.4 V,
I(SLP)
5.5
µA
BAT, OUT, FB pins)
VCC < V(SLP) or VCC > V(SLP) but not in charge
0°C
≤ T
J ≤ 65°C, VI(BAT) = 12.6 V,
7.7
VCC < V(SLP) or VCC > V(SLP) but not in charge
3


Similar Part No. - BQ24115RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24115RHLR TI-BQ24115RHLR Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24115RHLR TI-BQ24115RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24115RHLR TI1-BQ24115RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24115RHLR TI1-BQ24115RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24115RHLRG4 TI-BQ24115RHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results

Similar Description - BQ24115RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com