Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 4 Page - Texas Instruments

Part # PCA9544APW
Description  SMBus Multiplexer With Interrupt Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9544APW Datasheet(HTML) 4 Page - Texas Instruments

  PCA9544APW Datasheet HTML 1Page - Texas Instruments PCA9544APW Datasheet HTML 2Page - Texas Instruments PCA9544APW Datasheet HTML 3Page - Texas Instruments PCA9544APW Datasheet HTML 4Page - Texas Instruments PCA9544APW Datasheet HTML 5Page - Texas Instruments PCA9544APW Datasheet HTML 6Page - Texas Instruments PCA9544APW Datasheet HTML 7Page - Texas Instruments PCA9544APW Datasheet HTML 8Page - Texas Instruments PCA9544APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
PCA9544A
SCPS146E – OCTOBER 2005 – REVISED JUNE 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
II
Input current
±20
mA
IO
Output current
±25
mA
Continuous current through VCC
±100
mA
Continuous current through GND
±100
mA
DGV package(3)
92
DW package(3)
58
GQN package(3)
78
θJA
Package thermal impedance
°C/W
PW package(3)
83
RGW package(4)
TBD
RGY package(4)
37
Ptot
Total power dissipation
400
mW
TA
Operating free-air temperature range
–40
85
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7 × VCC
6
VIH
High-level input voltage
V
A2–A0, INT3–INT0
0.7 × VCC
VCC + 0.5
SCL, SDA
–0.5
0.3 × VCC
VIL
Low-level input voltage
V
A2–A0, INT3–INT0
–0.5
0.3 × VCC
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9544A


Similar Part No. - PCA9544APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544APW TI-PCA9544APW Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544APW PHILIPS-PCA9544APW Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
logo
Texas Instruments
PCA9544APW TI-PCA9544APW Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544APW NXP-PCA9544APW Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544APW NXP-PCA9544APW Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results

Similar Description - PCA9544APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com