Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6620GHK Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI6620GHK
Description  Dual Socket CardBus
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI6620GHK Datasheet(HTML) 1 Page - Texas Instruments

  PCI6620GHK Datasheet HTML 1Page - Texas Instruments PCI6620GHK Datasheet HTML 2Page - Texas Instruments PCI6620GHK Datasheet HTML 3Page - Texas Instruments PCI6620GHK Datasheet HTML 4Page - Texas Instruments PCI6620GHK Datasheet HTML 5Page - Texas Instruments PCI6620GHK Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.ti.com
FEATURES
DESCRIPTION
PCI6620/PCI6420
SLLA246 – JULY 2006
Dual Socket CardBus and Smart Card Controller With Dedicated SD/MS-Pro Sockets
ExCA-compatible registers are mapped in
memory or I/O space
PC Card Standard 8.0 compliant
Intel 82365SL-DF register compatible
PCI Bus Power Management Interface
Specification 1.1 compliant
Supports ring indicate, SUSPEND, and PCI
CCLKRUN protocol and PCI bus Lock (LOCK)
Advanced Configuration and Power Interface
(ACPI) Specification 2.0 compliant
Provides VGA/palette memory and I/O, and
subtractive decoding options, LED activity
PCI Local Bus Specification Revision 2.3
terminals
compliant
Power-down features to conserve energy in
PC 98/99 and PC2001 compliant
battery-powered applications include:
Compliant with the PCI Bus Interface
automatic device power down during
Specification for PCI-to-CardBus Bridges
suspend, and ultralow-power sleep mode
1.8-V core logic and 3.3-V I/O cells with
Physical write posting of up to three
internal voltage regulator to generate 1.8-V
outstanding transactions
core VCC
PCI burst transfers and deep FIFOs to
Universal PCI interfaces compatible with
tolerate large host latency
3.3-V and 5-V PCI signaling environments
External cycle timer control for customized
Supports PC Card or CardBus with hot
synchronization
insertion and removal
Extended resume signaling for compatibility
Supports 132-MBps burst transfers to
with legacy DV components
maximize data throughput on both the PCI
PCI power-management D0, D1, D2, and D3
bus and the CardBus
power states
Supports serialized IRQ with PCI interrupts
Advanced submicron, low-power CMOS
Programmable multifunction terminals
technology
Serial ROM interface for loading subsystem
ID and subsystem vendor ID
The Texas Instruments PCI6620 device is an integrated dual-socket PC Card controller, Smart Card controller,
and
Secure
Digital
(SD)/MultiMediaCard
(MMC),
and
Memory
Stick
(MS)/MS-Pro
controller.
This
high-performance integrated solution provides the latest in PC Card, Smart Card, SD, MMC, and Memory Stick
technology.
The Texas Instruments PCI6420 device is an integrated dual-socket PC Card controller and SD/MMC
MS/MS-Pro controller. This high-performance integrated solution provides the latest in PC Card, SD, MMC, and
Memory Stick technology.
For the remainder of this document, PCI6x20 refers to both devices: PCI6620 and PCI6420.
The PCI6620 and PCI6420 are three-function PCI devices compliant with PCI Local Bus Specification, Revision
2.3.
Functions 0 and 1 provide the independent PC Card socket controllers compliant with the PC Card Standard
(Release 8.0). The PCI6x20 device provides features that make it the best choice for bridging between the PCI
bus, PC Cards, and Smart Cards and supports any combination of 16-bit, CardBus PC Cards, or Smart Card
adapter in the socket powered at 5 V or 3.3 V, as required.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCI6620GHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI6620 TI-PCI6620 Datasheet
818Kb / 160P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER WITH DEDICATED SD/MS-PRO SOCKETS
More results

Similar Description - PCI6620GHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7620 TI1-PCI7620 Datasheet
224Kb / 7P
[Old version datasheet]   Dual Socket CardBus
PCI7621 TI1-PCI7621_13 Datasheet
223Kb / 7P
[Old version datasheet]   Dual/Single Socket CardBus
PCI6621 TI1-PCI6621_08 Datasheet
224Kb / 6P
[Old version datasheet]   Dual/Single Socket CardBus
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PCI6621 TI-PCI6621 Datasheet
860Kb / 204P
[Old version datasheet]   DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
Texas Instruments
PCI4515 TI-PCI4515 Datasheet
1Mb / 216P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH INTEGRATED
PCI6515 TI-PCI6515 Datasheet
760Kb / 148P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
PCI6515A TI-PCI6515A Datasheet
219Kb / 6P
[Old version datasheet]   Single Socket CardBus Controller with Dedicated Smart Card Socket
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com