Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI2040GGU Datasheet(PDF) 9 Page - Texas Instruments

Part # PCI2040GGU
Description  PCI-to-PCI Bridge
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI2040GGU Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCI2040GGU Datasheet HTML 5Page - Texas Instruments PCI2040GGU Datasheet HTML 6Page - Texas Instruments PCI2040GGU Datasheet HTML 7Page - Texas Instruments PCI2040GGU Datasheet HTML 8Page - Texas Instruments PCI2040GGU Datasheet HTML 9Page - Texas Instruments PCI2040GGU Datasheet HTML 10Page - Texas Instruments PCI2040GGU Datasheet HTML 11Page - Texas Instruments PCI2040GGU Datasheet HTML 12Page - Texas Instruments PCI2040GGU Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
1−2
1.2 Related Documents
Advanced Configuration and Power Interface (ACPI) Specification (Revision 1.0)
IEEE Standard Test Access Port and Boundary-Scan Architecture
PCI Local Bus Specification (Revision 2.2)
PCI-to-PCI Bridge Specification (Revision 1.1)
PCI Bus Power Management Interface Specification (Revision 1.1)
PICMG CompactPCI Hot-Swap Specification (Revision 1.0)
1.3 Trademarks
CompactPCI is a trademark of PICMG − PCI Industrial Computer Manufacturers Group, Inc.
Intel is a trademark of Intel Corporation.
MicroStar BGA and TI are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
1.4 Ordering Information
ORDERING NUMBER
VOLTAGE
TEMPERATURE
PACKAGE
PCI2050BPDV
3.3-V, 5-V Tolerant I/Os
0°C to 70°C
208 QFP
PCI2050BPPM
3.3-V, 5-V Tolerant I/Os
0°C to 70°C
208 QFP
PCI2050BGHK
3.3-V, 5-V Tolerant I/Os
0°C to 70°C
257 BGA
PCI2050BZHK
3.3-V, 5-V Tolerant I/Os
0°C to 70°C
257 RoHS BGA
PCI2050BIPDV
3.3-V, 5-V Tolerant I/Os
−40°C to 85°C
208 QFP
PCI2050BIGHK
3.3-V, 5-V Tolerant I/Os
−40°C to 85°C
257 BGA
PCI2050BIZHK
3.3-V, 5-V Tolerant I/Os
−40°C to 85°C
257 RoHS BGA


Similar Part No. - PCI2040GGU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
[Old version datasheet]   PCI2040 PCI-DSP Bridge controller
PCI2040 TI1-PCI2040 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040PGEG4 TI1-PCI2040PGEG4 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
More results

Similar Description - PCI2040GGU

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
[Old version datasheet]   PCI-TO-PCI BRIDGE
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
[Old version datasheet]   PCI-TO-PCI BRIDGE
logo
Intel Corporation
21152 INTEL-21152 Datasheet
1Mb / 148P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2031 TI-PCI2031 Datasheet
920Kb / 70P
[Old version datasheet]   PCI-TO-PCI BRIDGE
logo
Intel Corporation
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2250 TI-PCI2250 Datasheet
343Kb / 85P
[Old version datasheet]   PCI-TO-PCI BRIDGE
PCI2050B TI-PCI2050B_V02 Datasheet
512Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com