Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP4020 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # GP4020
Description  GPS Receiver Baseband Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

GP4020 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button GP4020 Datasheet HTML 6Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 7Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 8Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 9Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 10Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 11Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 12Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 13Page - Zarlink Semiconductor Inc GP4020 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
GP4020
DMA Controller (DMAC)
Two DMA engines are available on the microcontroller.
These are configured as a pair to provide a memory-to-
memory DMA capability between any 2 locations in the
ARM7TDMI memory space. They may be used
independently for high speed fly-by transfers between
UART1 (or UART2) and either on-chip or off-chip
locations.
Single or multiple byte transfers (Demand or Burst
Mode) are supported and may be word, half word or
byte wide.
Embedded Microcontroller Debug Options
The Firefly MF1 Core incorporates three sophisticated
methods of hardware and software debug. The options
are:
q
Embedded ICE, accessed via the ARM7TDMI
JTAG interface (Multi ICE access also possible)
q
Angel Debug Monitor
q
Logic Analyser coupled with an Inverse Assembler,
accessed via the SSM debug interface
The GP4020 can use any of these options, but special
emphasis has been placed on the Embedded ICE and
Logic Analyser options. The JTAG and SSM debug
interfaces are multiplexed onto the same pins, and can
be selected by setting NICE (pin 84) high for SSM, or
low for JTAG.
Firefly MF1 Microcontroller core
The Firefly MF1 Microcontroller is an Embedded Micro-
controller core developed by Zarlink Semiconductor. It
combines the processing power of the ARM7TDMI
microprocessor with a number of peripheral
components:
• Direct Memory Access Controller (DMAC)
• Interrupt Controller (INTC)
• Memory Peripheral Controller (MPC), incorporating
Up-Integration Module (UIM)
• System Services Module (SSM)
• System Timer/Counter (SYSTIC)
• Universal Asynchronous Receiver / Transmitter
(UART)
Interrupt Controller (INTC)
The ARM7TDMI core accepts two types of interrupt:
Normal (IRQ) and Fast (FIQ). All Interrupts can be
switched between types, depending upon the relative
priorities required. The INTC is the central control logic
that decodes the priority level and handles interrupt
request signals from a total of 8 fixed pre-defined,
internal sources and a number of external sources.
General Purpose Input Output (GPIO)
This module provides 8 I/O pins, which may be bit or byte
addressed and configured in a latched or transparent mode.
External Interrupts can be set for edge or level
sensitivity with a polarity option. To minimise interrupt
latency, there is a hard-wired priority scheme for each
channel for both FIQ and IRQ; alternatively this can be
ignored and the priority assessment handled in
software.
Memory/Peripheral Controller (MPC)
The MPC ensures the correct multiplexing of data is
applied for bus transfers between 8, 16 or 32-bit on-chip
or off-chip peripherals. Four different contiguous memory
areas are available, each with an address range of
1 MByte, with individually programmable wait and stop
state generation. A SWAP function allows memory area
1, which is addressed at system reset, to be switched with
memory area 4. This allows, for example, booting from
ROM and then switching memory area 1 to address
SRAM so that time-critical software and interrupt routines
can operate from fast memory.
Peripheral Control Logic (PCL)
The GP4020 incorporates some specific control logic,
which is used to control a number of functions:
• System Reset Control
• System Power-down, Sleep and Wake-up Control
• System Status and Control Registers
• Signal input/output multiplex control
RAM
The GP4020 contains 8KBytes (configured as
2K332-bit) of high-speed (6ns) Static RAM. This can
be used for either:
• Non-volatile storage of GPS data (Almanac,
Ephemeris, Position and Receiver Clock Offset),
while the receiver power is disabled
• A High-speed Interrupt Service Routine, while the
GP4020 is powered up
The internal SRAM appears at GP4020 Base Address
0x60000000, served by the MPC Memory Area 4. An
MPC SWAP function can swap this memory space with
0x00000000 if required.


Similar Part No. - GP4020

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP402 DEC-GP402 Datasheet
293Kb / 2P
   4 AMP HIGH RELIABILITY SOFT GLASS PASSIVATED SILICON DIODES
More results

Similar Description - GP4020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com