Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6213EC5-1-8 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6213EC5-1-8
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6213EC5-1-8 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6213EC5-1-8 Datasheet HTML 2Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 3Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 4Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 5Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 6Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 7Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 8Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 9Page - Exar Corporation SP6213EC5-1-8 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Date: 12/13/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6214EC5-3-3/TR = standard; SP6214EC5-L-3-3/TR = lead free.
Pack quantity is 3000 for SC70-5.
Lead Free packaging can be identified by a Bar “|” to the left of the standard Top Marking.
Part Number
Top
Marking
Temperature
Range
Voltage
Option
Package
Type
SP6213EC5-1-8
W00
-40°C to +125°C
1.8V
5 Pin SC-70
SP6213EC5-1-8/TR
W00
-40°C to +125°C
1.8V
5 Pin SC-70
SP6213EC5-2-5
F00
-40°C to +125°C
2.5V
5 Pin SC-70
SP6213EC5-2-5/TR
F00
-40°C to +125°C
2.5V
5 Pin SC-70
SP6213EC5-2-7
E00
-40°C to +125°C
2.7V
5 Pin SC-70
SP6213EC5-2-7/TR
E00
-40°C to +125°C
2.7V
5 Pin SC-70
SP6213EC5-2-85
D00
-40°C to +125°C
2.85V
5 Pin SC-70
SP6213EC5-2-85/TR
D00
-40°C to +125°C
2.85V
5 Pin SC-70
SP6213EC5-3-0
A00
-40°C to +125°C
3.0V
5 Pin SC-70
SP6213EC5-3-0/TR
A00
-40°C to +125°C
3.0V
5 Pin SC-70
SP6213EC5-3-3
C00
-40°C to +125°C
3.3V
5 Pin SC-70
SP6213EC5-3-3/TR
C00
-40°C to +125°C
3.3V
5 Pin SC-70
SP6213EC5-5-0
B00
-40°C to +125°C
5.0V
5 Pin SC-70
SP6213EC5-5-0/TR
B00
-40°C to +125°C
5.0V
5 Pin SC-70
SP6214EC5-1-8
D01
-40°C to +125°C
1.8V
5 Pin SC-70
SP6214EC5-1-8/TR
D01
-40°C to +125°C
1.8V
5 Pin SC-70
SP6214EC5-2-5
J01
-40°C to +125°C
2.5V
5 Pin SC-70
SP6214EC5-2-5/TR
J01
-40°C to +125°C
2.5V
5 Pin SC-70
SP6214EC5-2-7
K01
-40°C to +125°C
2.7V
5 Pin SC-70
SP6214EC5-2-7/TR
K01
-40°C to +125°C
2.7V
5 Pin SC-70
SP6214EC5-2-85
L01
-40°C to +125°C
2.85V
5 Pin SC-70
SP6214EC5-2-85/TR
L01
-40°C to +125°C
2.85V
5 Pin SC-70
SP6214EC5-3-0
M01
-40°C to +125°C
3.0V
5 Pin SC-70
SP6214EC5-3-0/TR
M01
-40°C to +125°C
3.0V
5 Pin SC-70
SP6214EC5-3-3
H01
-40°C to +125°C
3.3V
5 Pin SC-70
SP6214EC5-3-3/TR
H01
-40°C to +125°C
3.3V
5 Pin SC-70
SP6214EC5-5-0
N01
-40°C to +125°C
5.0V
5 Pin SC-70
SP6214EC5-5-0/TR
N01
-40°C to +125°C
5.0V
5 Pin SC-70


Similar Part No. - SP6213EC5-1-8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6213EC5-1.8 SIPEX-SP6213EC5-1.8 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1.8 SIPEX-SP6213EC5-1.8 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1.8/TR SIPEX-SP6213EC5-1.8/TR Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results

Similar Description - SP6213EC5-1-8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6214 SIPEX-SP6214 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com