Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6660EP Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6660EP
Description  200mA Charge Pump Inverter or Doubler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6660EP Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6660EP Datasheet HTML 6Page - Exar Corporation SP6660EP Datasheet HTML 7Page - Exar Corporation SP6660EP Datasheet HTML 8Page - Exar Corporation SP6660EP Datasheet HTML 9Page - Exar Corporation SP6660EP Datasheet HTML 10Page - Exar Corporation SP6660EP Datasheet HTML 11Page - Exar Corporation SP6660EP Datasheet HTML 12Page - Exar Corporation SP6660EP Datasheet HTML 13Page - Exar Corporation SP6660EP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
10
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.6V, TAMB = 25
oC unless otherwise noted. LF = Low Frequency, FC = Open, C1 = C2 = 150
µF.
HF = High Frequency, FC = V+, C1 = C2 = 22
µF. Inverter Circuit use Figure 1. Doubler Circuit use Figure 2.
Figure 15. Output Source Resistance vs. Temperature Inverter LF
Figure 14. Output Source Resistance vs. Supply Voltage
Figure 16. Output Source Resistance vs. Temperature where Inverter HF
Temperature (C)
Temperature (C)
LF
HF
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
16.0
12.0
8.0
4.0
0.0
Supply Voltage (V)
-50
-25
0
25
50
75
100
7
6
5
4
3
2
1
0
-50
-25
0
25
50
75
100
7
6
5
4
3
2
1
0


Similar Part No. - SP6660EP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EP SIPEX-SP6660EP Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
SP6660EP SIPEX-SP6660EP Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
More results

Similar Description - SP6660EP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com